Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA865C06R Datasheet(PDF) 1 Page - Fuji Electric

Part # YA865C06R
Description  Low IR Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA865C06R Datasheet(HTML) 1 Page - Fuji Electric

  YA865C06R Datasheet HTML 1Page - Fuji Electric YA865C06R Datasheet HTML 2Page - Fuji Electric YA865C06R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10+0.5
0
Ø3.6±0.2
5.08
2.54
0.8
1.2
4.5±0.2
2.7
0.4
Square wave, duty=1/2
Tc=122°C
YA865C06R (60V / 20A)
Features
Low IR
Low VF
Center tap connection
Applications
High frequency operation
DC-DC converters
AC adapter
Maximum ratings and characteristics
Maximum ratings
Item
Repetitive peak surge reverse voltage
Repetitive peak reverse voltage
Isolating voltage
Average output current
Non-repetitive surge current
non-repetitive reverse surge power dissipation
Operating junction temperature
Storage temperature
Symbol
VRSM
VRRM
Viso
Io
IFSM
PRM
Tj
Tstg
Conditions
Sine wave 10ms
-40 to +150
Unit
V
V
V
A
A
W
°C
°C
Electrical characteristics (at Ta=25°C Unless otherwise specified )
Item
Forward voltage **
Reverse current **
Thermal resistance
Symbol
VF
IR
Rth(j-c)
Conditions
IF=10A
VR=60V
Junction to case
Max.
0.74
175
1.75
Unit
V
µA
°C/W
Rating
60
60
1500
20
145
660
+150
Low IR Schottky barrier diode
Outline drawings, mm
Connection diagram
Mechanical characteristics
Mounting torque
Approximate mass
Recommended torque
0.3 to 0.5
2
N
·m
g
* Out put current of center tap full wave connection
Package : TO-220AB
Epoxy resin UL : V-0
tw=500ns, duty=1/40
*
1
3
2
[200509]
tw=10µs, Tj=25°C
Terminals-to-Case, AC.1min.
**Rating per element
http://www.fujielectric.co.jp/fdt/scd/


Similar Part No. - YA865C06R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA865C04R FUJI-YA865C04R Datasheet
133Kb / 3P
   Low IR Schottky barrier diode
YA865C08R FUJI-YA865C08R Datasheet
654Kb / 6P
   Schottky Barrier Diode
More results

Similar Description - YA865C06R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
   Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
   Low IR Schottky Barrier Diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
   Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
YG868C04R FUJI-YG868C04R Datasheet
157Kb / 3P
   Low IR Schottky barrier diode
MS865C15 FUJI-MS865C15 Datasheet
524Kb / 5P
   Low IR Schottky Barrier Diode
YG862C06R FUJI-YG862C06R Datasheet
132Kb / 3P
   Low IR Schottky barrier diode
MS862C08 FUJI-MS862C08 Datasheet
590Kb / 5P
   Low IR Schottky Barrier Diode
YG862C04R FUJI-YG862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com