Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7370 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 6Page - Maxim Integrated Products MAX7370 Datasheet HTML 7Page - Maxim Integrated Products MAX7370 Datasheet HTML 8Page - Maxim Integrated Products MAX7370 Datasheet HTML 9Page - Maxim Integrated Products MAX7370 Datasheet HTML 10Page - Maxim Integrated Products MAX7370 Datasheet HTML 11Page - Maxim Integrated Products MAX7370 Datasheet HTML 12Page - Maxim Integrated Products MAX7370 Datasheet HTML 13Page - Maxim Integrated Products MAX7370 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 10
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Keyscan Controller
Key inputs are scanned statically, not dynamically, to
ensure low-EMI operation. Since inputs only toggle in
response to switch changes, the key matrix can be
routed closer to sensitive circuit nodes.
The keyscan controller debounces and maintains a FIFO
buffer of keypress and release events (including auto-
repeated keypresses, if autorepeat is enabled). Table 2
shows the key-switch order. The user-programmable key-
switch debounce time and autosleep timer are derived
from the 64kHz clock, which in turn is derived from the
128kHz oscillator. Time delay for autorepeat and key-
switch interrupt is based on the key-switch debounce
time. There is no limitation for the number of keys pressed
simultaneously as long as no ghost keys are generated.
If the application requires fewer keys to be scanned, the
unused key-switch ports can be configured as GPIOs.
Keys FIFO Register (0x00)
The Keys FIFO register contains the information pertain-
ing to the status of the keys FIFO, as well as the key events
that have been debounced. See Table 7. Bits D[5:0]
denote which of the 64 keys have been debounced and
the keys are numbered as shown in Table 2.
Bit D7 indicates if there is more data in the FIFO, except
when D[5:0] indicate key 63 or key 62. When D[5:0] indi-
cate key 63 or key 62, the host should read the FIFO one
more time to determine whether there is more data in the
FIFO. Use key 62 and key 63 for rarely used keys. D6
indicates if it is a keypress or release event, except when
D[5:0] indicate key 63 or key 62.
Reading the keyscan FIFO clears the interrupt (INT),
depending on the setting of bit D5 in the configuration
register (0x01).
Configuration Register (0x01)
The Configuration register controls the I2C bus time-
out feature, enables key-release detection, enables
autowake, and determines how INT is deasserted. Write
to bit D7 to put the device into sleep mode or operating
mode. Autosleep and autowake, when enabled, also
change the status of D7. See Table 8.
Debounce Register (0x02)
The Debounce register sets the keypress and key-
release time for each debounce cycle. Bits D[3:0] set the
debounce time for keypresses, while bits D[7:4] set the
debounce time for key releases. Both debounce times
are configured in increments of 2ms starting at 2ms and
ending at 32ms. See Table 9.
Interrupt Register (0x03)
The Interrupt register contains information related to the
settings of the interrupt request function, as well as the sta-
tus of the INT output. If bits D[7:0] are set to 0x00, the INT
is disabled. There are two types of interrupts, the FIFO-
based interrupt and time-based interrupt. Set bits D[4:0]
to assert interrupts at the end of the selected number of
debounce cycles following a key event. See Table 10.
This number ranges from 1–31 debounce cycles. Setting
bits D[5:7] set the FIFO-based interrupt when there are
2–14 key events stored in the FIFO. Both interrupts can be
configured simultaneously and INT asserts depending on
which condition is met first. INT deasserts depending on
the status of bit D5 in the configuration register.
Autorepeat Register (0x05)
The device autorepeat feature notifies the host that at
least one key has been pressed for a continuous period.
The Autorepeat register enables or disables this feature,
sets the time delay after the last key event before the key-
repeat code (0x7E) is entered into the FIFO, and sets
Table 2. Key-Switch Mapping
PIN
COL0
COL1
COL2
COL3
COL4
COL5
COL6
COL7
ROW0
KEY 0
KEY 8
KEY 16
KEY 24
KEY 32
KEY 40
KEY 48
KEY 56
ROW1
KEY 1
KEY 9
KEY 17
KEY 25
KEY 33
KEY 41
KEY 49
KEY 57
ROW2
KEY 2
KEY 10
KEY 18
KEY 26
KEY 34
KEY 42
KEY 50
KEY 58
ROW3
KEY 3
KEY 11
KEY 19
KEY 27
KEY 35
KEY 43
KEY 51
KEY 59
ROW4
KEY 4
KEY 12
KEY 20
KEY 28
KEY 36
KEY 44
KEY 52
KEY 60
ROW5
KEY 5
KEY 13
KEY 21
KEY 29
KEY 37
KEY 45
KEY 53
KEY 61
ROW6
KEY 6
KEY 14
KEY 22
KEY 30
KEY 38
KEY 46
KEY 54
KEY 62
ROW7
KEY 7
KEY 15
KEY 23
KEY 31
KEY 39
KEY 47
KEY 55
KEY 63


Similar Part No. - MAX7370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370ETG++ MAXIM-MAX7370ETG+ Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370EWA++ MAXIM-MAX7370EWA+ Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370 MAXIM-MAX7370_12 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
More results

Similar Description - MAX7370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7370 MAXIM-MAX7370_12 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7360 MAXIM-MAX7360 Datasheet
1Mb / 31P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 0; 4/09
MAX7360 MAXIM-MAX7360_11 Datasheet
1Mb / 32P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 1; 8/10
MAX7360 MAXIM-MAX7360_V01 Datasheet
894Kb / 32P
   I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7138 TI1-ADS7138 Datasheet
708Kb / 75P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7128 TI1-ADS7128 Datasheet
816Kb / 79P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
Maxim Integrated Produc...
MAX7365 MAXIM-MAX7365 Datasheet
1Mb / 31P
   1MHz I2C-Interfaced 8 x 7 Key-Switch Controller with GPIO Ports
19-6036; Rev 0; 9/11
logo
Texas Instruments
ADS7138-Q1 TI1-ADS7138-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   ADS7138-Q1 Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com