Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6110A Datasheet(PDF) 1 Page - Semtech Corporation

Part # 1N6110A
Description  QPL 500 Watt Axial Leaded TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6110A Datasheet(HTML) 1 Page - Semtech Corporation

  1N6110A Datasheet HTML 1Page - Semtech Corporation 1N6110A Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N6102A
Thru
1N6137A
TEL:805-498-2111 FAX:805-498-3804
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
QPL
500 Watt Axial Leaded TVS
FEATURES:
500 Watts Peak Pulse Power (tp = 10/1000µs)
Voidless hermetically sealed glass package
Metallurgically bonded
High surge capacity
Military & Industrial applications
Available in JAN, JTX, and JTXV versions per
MIL-S-19500/516
DESCRIPTION
The 1N61xx series of transient voltage suppressors are
designed to protect military and commercial electronic
equipment from overvoltages caused by lightning, ESD,
EFT, inductive load switching, and EMP. These devices are
constructed using two p-n junction TVS diodes in a back-to-
back configuration, hermetically sealed in a voidless glass
package. The hermetically sealed package provides high
reliability in harsh environmental conditions. TVS diodes
are further characterized by their high surge capability, low
operating and clamping voltages, and a theoretically
instantaneous response time. This makes them ideal for
use as board level protection for sensitive semiconductor
components.
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Pulse Power (tp = 10 x 1000µs)
Ppk
500
Watts
Operating Temperature
Tj
-65 to +175
°C
Storage Temperature
Tstg
-65 to +175
°C
Steady-State Power Dissipation @ TL = 75ºC (3/8”)
PD
3
Watts
MECHANICAL CHARACTERISTICS:
Hermetically sealed glass package
Tinned copper leads
Marking : P/N, date code, logo
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise specified)
DEVICE
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
REVERSE
LEAKAGE
CURRENT
IR
MINIMUM
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK PULSE
CURRENT
Ipp
tp = 1ms
TEMPERATURE
COEFFICIENT
OF VBR
αVz
MAXIMUM
REVERSE
LEAKAGE
CURRENT (Ir2)
TA=+150°C
(V)
(µA)
(V)
(mA)
(V)
(A)
% / °C
(A)
1N6102A
5.2
100
6.46
175
10.5
47.6
0.05
4000
1N6103A
5.7
50
7.13
175
11.2
44.6
0.06
750
1N6104A
6.2
20
7.79
150
12.1
41.3
0.06
500
1N6105A
6.9
20
8.65
150
13.4
37.3
0.06
300
1N6106A
7.6
20
9.50
125
14.5
34.5
0.07
200
1N6107A
8.4
20
10.45
125
15.6
32.0
0.07
200
1N6108A
9.1
20
11.40
100
16.9
29.6
0.07
150
1N6109A
9.9
20
12.35
100
18.2
27.5
0.08
150
1N6110A
11.4
20
14.25
75
21.0
23.8
0.08
100
1N6111A
12.2
20
15.20
75
22.3
22.4
0.08
100
1N6112A
13.7
1
17.10
65
25.1
19.9
0.085
100
1N6113A
15.2
1
19.0
65
27.7
18.0
0.085
100
1N6114A
16.7
1
20.9
50
30.5
16.4
0.085
100
1N6115A
18.2
1
22.8
50
33.3
15.0
0.09
100
1N6116A
20.6
1
25.7
50
37.4
13.4
0.09
100
1N6117A
22.8
1
28.5
40
41.6
12.0
0.09
100
1N6118A
25.1
1
31.4
40
45.7
10.9
0.095
100
1N6119A
27.4
1
34.2
30
49.9
10.0
0.095
100
1N6120A
29.7
1
37.1
30
53.6
9.3
0.095
100
1N6121A
32.7
1
40.9
30
59.1
8.5
0.095
100
1N6122A
35.8
1
44.7
25
64.6
7.7
0.095
100
1N6123A
38.8
1
48.5
25
70.1
7.1
0.095
100
1N6124A
42.6
1
53.2
20
77.0
6.5
0.095
100
1N6125A
47.1
1
58.9
20
85.3
5.9
0.100
100
1N6126A
51.7
1
64.6
20
97.1
5.1
0.100
100
1N6127A
56.0
1
71.3
20
103.1
4.8
0.100
100
1N6128A
62.2
1
77.9
15
112.8
4.4
0.100
100
1N6129A
69.2
1
86.5
15
125.1
4.0
0.100
100
1N6130A
76.0
1
95.0
12
137.6
3.6
0.100
100
1N6131A
83.6
1
104.5
12
151.3
3.3
0.100
100
1N6132A
91.2
1
114.0
10
165.1
3.0
0.100
100
1N6133A
98.8
1
123.5
10
178.8
2.8
0.105
100
1N6134A
114.0
1
142.5
8
206.3
2.4
0.105
100
1N6135A
121.6
1
152.0
8
218.4
2.3
0.105
100
1N6136A
136.8
1
171.0
5
245.7
2.0
0.110
100
1N6137A
152.0
1
190.0
5
273.0
1.8
0.110
100
1. Non-A Part has 5% higher clamping voltage, 5% lower minimum breakdown voltage, and 5% lower peak pulse current.


Similar Part No. - 1N6110A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6110A MICROSEMI-1N6110A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6110A MICROSEMI-1N6110A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Sensitron
1N6110A SENSITRON-1N6110A Datasheet
55Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSER DIODES
1N6110A SENSITRON-1N6110A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
1N6110A SENSITRON-1N6110A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results

Similar Description - 1N6110A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6461 SEMTECH-1N6461 Datasheet
24Kb / 2P
   QPL 500 Watt Axial Leaded TVS
1N6138A SEMTECH-1N6138A Datasheet
31Kb / 2P
   QPL 1500 Watt Axial Leaded TVS
1N6469 SEMTECH-1N6469 Datasheet
24Kb / 2P
   QPL 1500 Watt Axial Leaded TVS
1N6469 SEMTECH-1N6469_08 Datasheet
321Kb / 2P
   QPL 1500 Watt Axial Leaded TVS
1N6461US SEMTECH-1N6461US Datasheet
128Kb / 4P
   QPL 500 Watt Surface Mount TVS
1N6469US SEMTECH-1N6469US Datasheet
130Kb / 3P
   QPL 1500 Watt Surface Mount TVS
logo
Protek Devices
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
   500 WATT TVS ARRAY
PSOT12C-LF PROTEC-PSOT12C-LF Datasheet
463Kb / 8P
   500 WATT TVS ARRAY
PSOT03 PROTEC-PSOT03_12 Datasheet
740Kb / 8P
   500 WATT TVS ARRAY
PSOT03 PROTEC-PSOT03_11 Datasheet
738Kb / 8P
   500 WATT TVS ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com