Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA868C10R Datasheet(PDF) 3 Page - Fuji Electric

Part # YA868C10R
Description  Low IR Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA868C10R Datasheet(HTML) 3 Page - Fuji Electric

  YA868C10R Datasheet HTML 1Page - Fuji Electric YA868C10R Datasheet HTML 2Page - Fuji Electric YA868C10R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
YA868C10R (30A)
(100V / 30A )
http://www.fujielectric.co.jp/fdt/scd/
1
10
100
10
100
1000
Surge Capability (max.)
Number of Cycles at 50Hz
1
10
100
1000
10
100
1000
Surge Current Ratings (max.)
tTime (ms) Sinewave
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
Rth(j-c):1.25°C/W
Transient Thermal Impedance (max.)
t
Time (sec)


Similar Part No. - YA868C10R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA868C12R FUJI-YA868C12R Datasheet
55Kb / 3P
   High Voltage Schottky barrier diode
YA868C15R FUJI-YA868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
logo
Inchange Semiconductor ...
YA868C15R ISC-YA868C15R Datasheet
291Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - YA868C10R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
   Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
   Low IR Schottky Barrier Diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
   Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
YG868C04R FUJI-YG868C04R Datasheet
157Kb / 3P
   Low IR Schottky barrier diode
MS865C15 FUJI-MS865C15 Datasheet
524Kb / 5P
   Low IR Schottky Barrier Diode
YG862C06R FUJI-YG862C06R Datasheet
132Kb / 3P
   Low IR Schottky barrier diode
MS862C08 FUJI-MS862C08 Datasheet
590Kb / 5P
   Low IR Schottky Barrier Diode
YG862C04R FUJI-YG862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com