Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8649AEWET Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8649AEWET
Description  1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8649AEWET Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8649AEWET Datasheet HTML 5Page - Maxim Integrated Products MAX8649AEWET Datasheet HTML 6Page - Maxim Integrated Products MAX8649AEWET Datasheet HTML 7Page - Maxim Integrated Products MAX8649AEWET Datasheet HTML 8Page - Maxim Integrated Products MAX8649AEWET Datasheet HTML 9Page - Maxim Integrated Products MAX8649AEWET Datasheet HTML 10Page - Maxim Integrated Products MAX8649AEWET Datasheet HTML 11Page - Maxim Integrated Products MAX8649AEWET Datasheet HTML 12Page - Maxim Integrated Products MAX8649AEWET Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
1.8A Step-Down Regulator with
Remote Sense in 2mm x 2mm WLP
_______________________________________________________________________________________
9
LOAD TRANSIENT RESPONSE
(1A to 1mA)
MAX8649/49A toc23
50mV/div
500mA/div
1A/div
VOUT
IOUT
IL
40μs/div
LOAD TRANSIENT RESPONSE
(5mA TO 1.8A)
MAX8649/49A toc24
50mV/div
1A/div
1A/div
VOUT
IOUT
IL
40μs/div
LOAD TRANSIENT RESPONSE
(1.8A to 5mA)
MAX8649/49A toc25
100mV/div
1A/div
1A/div
VOUT
IOUT
IL
20μs/div
SYNCHRONIZATION RESPONSE
(26MHz SYNC)
MAX8649/49A toc26
200mA/div
2V/div
20mV/div
2V/div
VSYNC
VLX
IL
VOUT
1μs/div
FORCED PWM, NO LOAD
OUTPUT VOLTAGE CHANGE RESPONSE
MAX8649/49A toc27
200mA/div
500mV/div
2V/div
VVID0
IL
VOUT
40μs/div
10
I LOAD,
POWER SAVE
32mV/μs RAMP
0.9V
0.9V
1.3V
Typical Operating Characteristics (continued)
(
Typical Operating Circuit, VIN1 = VIN2 = 3.6V, VAGND = VPGND = 0V, VOUT = 1.1V, VDD = 1.8V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8649AEWET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8649EWE+T MAXIM-MAX8649EWE+T Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649EWE+T MAXIM-MAX8649EWE+T Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8649AEWET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
logo
Monolithic Power System...
EV2360DG-00B MPS-EV2360DG-00B Datasheet
156Kb / 4P
   1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
logo
Maxim Integrated Produc...
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
   High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
logo
Analog Devices
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
   5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com