Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA878C10R Datasheet(PDF) 4 Page - Fuji Electric

Part # YA878C10R
Description  Ultra Low IR Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA878C10R Datasheet(HTML) 4 Page - Fuji Electric

  YA878C10R Datasheet HTML 1Page - Fuji Electric YA878C10R Datasheet HTML 2Page - Fuji Electric YA878C10R Datasheet HTML 3Page - Fuji Electric YA878C10R Datasheet HTML 4Page - Fuji Electric YA878C10R Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
YA878C10R (100V, 30A)
5
http://www.fujisemi.com
FUJI Diode
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
Rth(j-c):1.25°C/W
Transient Thermal Impedance (max.)
t
Time (sec)


Similar Part No. - YA878C10R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA878C12R FUJI-YA878C12R Datasheet
649Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YA878C15R FUJI-YA878C15R Datasheet
649Kb / 5P
   Ultra Low IR Schottky Barrier Diode
More results

Similar Description - YA878C10R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA875C20R FUJI-YA875C20R Datasheet
751Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YA875C10R FUJI-YA875C10R Datasheet
614Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG875C10R FUJI-YG875C10R Datasheet
652Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG878C12R FUJI-YG878C12R Datasheet
681Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG878C15R FUJI-YG878C15R Datasheet
686Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YA875C15R FUJI-YA875C15R Datasheet
627Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YA878C15R FUJI-YA878C15R Datasheet
649Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG875C15R FUJI-YG875C15R Datasheet
665Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG878C10R FUJI-YG878C10R Datasheet
667Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG875C12R FUJI-YG875C12R Datasheet
662Kb / 5P
   Ultra Low IR Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com