Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA981S6R Datasheet(PDF) 4 Page - Fuji Electric

Part # YA981S6R
Description  Low-Loss Fast Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA981S6R Datasheet(HTML) 4 Page - Fuji Electric

  YA981S6R_10 Datasheet HTML 1Page - Fuji Electric YA981S6R_10 Datasheet HTML 2Page - Fuji Electric YA981S6R_10 Datasheet HTML 3Page - Fuji Electric YA981S6R_10 Datasheet HTML 4Page - Fuji Electric YA981S6R_10 Datasheet HTML 5Page - Fuji Electric YA981S6R_10 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
YA981S6R
5
http://www.fujisemi.com
FUJI Diode
0
2
4
6
8
10
12
70
80
90
100
110
120
130
140
150
160
Square wave λ=60°
Square wave λ=120°
λ
:Conduction angle of forward current for each rectifier element
IF(AV):Forward current of center-tap full wave connection
Square wave λ=180°
Sine wave λ=180°
DC
Current Derating (IF(AV)-Tc) (max.)
IF(AV) Average Forward Current (A)
0
0
0
1
0
0
1
0
1
1
1
10
100
1000
Junction Capacitance Characteristic (typ.)
VR Reverse Voltage (V)
0
0
1
0
1
1
1
10
100
1000
Surge Capability (max.)
Number of Cycles at 50Hz


Similar Part No. - YA981S6R_10

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA981S6R FUJI-YA981S6R Datasheet
180Kb / 12P
   SILICON DIODE
More results

Similar Description - YA981S6R_10

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
PH975C6 FUJI-PH975C6_10 Datasheet
531Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C4R FUJI-TS985C4R Datasheet
561Kb / 6P
   Low-Loss Fast Recovery Diode
YG912S6RR FUJI-YG912S6RR Datasheet
662Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C6R FUJI-YG982C6R Datasheet
699Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
YA982S6R FUJI-YA982S6R_10 Datasheet
711Kb / 6P
   Low-Loss Fast Recovery Diode
PG985C3R FUJI-PG985C3R Datasheet
525Kb / 6P
   Low-Loss Fast Recovery Diode
YG971S8R FUJI-YG971S8R Datasheet
853Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C3R FUJI-YG982C3R Datasheet
666Kb / 6P
   Low-Loss Fast Recovery Diode
TS906C3R FUJI-TS906C3R Datasheet
559Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C4R FUJI-TS982C4R Datasheet
548Kb / 6P
   Low-Loss Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com