Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8864REUKT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8864REUKT
Description  Low-Dropout, 120mA Linear Regulators Miniature External Components
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8864REUKT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8864REUKT Datasheet HTML 1Page - Maxim Integrated Products MAX8864REUKT Datasheet HTML 2Page - Maxim Integrated Products MAX8864REUKT Datasheet HTML 3Page - Maxim Integrated Products MAX8864REUKT Datasheet HTML 4Page - Maxim Integrated Products MAX8864REUKT Datasheet HTML 5Page - Maxim Integrated Products MAX8864REUKT Datasheet HTML 6Page - Maxim Integrated Products MAX8864REUKT Datasheet HTML 7Page - Maxim Integrated Products MAX8864REUKT Datasheet HTML 8Page - Maxim Integrated Products MAX8864REUKT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Low-Dropout, 120mA Linear Regulators
_______________________________________________________________________________________
5
ILOAD = 0mA to 50mA, CIN = 10µF, VOUT IS AC COUPLED
LOAD TRANSIENT
3.16V
VOUT 3.15V
3.14V
ILOAD
10
µs/div
VIN = VOUT + 0.2V, ILOAD = 0mA to 50mA, CIN = 10µF,
VOUT IS AC COUPLED
LOAD TRANSIENT
ILOAD
3.16V
VOUT 3.15V
3.14V
10
µs/div
____________________________Typical Operating Characteristics (continued)
(VIN = +3.6V, CIN = 1µF, COUT = 1µF, MAX886_T, TA = +25°C, unless otherwise noted.)
ILOAD = 50mA, VOUT IS AC COUPLED
LINE TRANSIENT
3.16V
VOUT 3.15V
3.14V
4.6V
3.6V
VIN
50
µs/div
VIN = VOUT + 0.1V, ILOAD = 0mA to 50mA, CIN = 10µF,
VOUT IS AC COUPLED
LOAD TRANSIENT
0mA
50mA
10
µs/div
3.16V
VOUT 3.15V
3.14V
ILOAD
NO LOAD
MAX8864 SHUTDOWN (NO LOAD)
0V
VSHDN
4V
VOUT
0V
2V
2V
500µs/div
ILOAD = 50mA
MAX8864 SHUTDOWN
0V
VSHDN
VOUT
4V
2V
0V
2V
200µs/div


Similar Part No. - MAX8864REUKT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8864REUK+T MAXIM-MAX8864REUK+T Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8864REUK-T MAXIM-MAX8864REUK-T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
More results

Similar Description - MAX8864REUKT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com