Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8863R Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8863R
Description  Low-Dropout, 120mA Linear Regulators Miniature External Components
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8863R Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8863R Datasheet HTML 2Page - Maxim Integrated Products MAX8863R Datasheet HTML 3Page - Maxim Integrated Products MAX8863R Datasheet HTML 4Page - Maxim Integrated Products MAX8863R Datasheet HTML 5Page - Maxim Integrated Products MAX8863R Datasheet HTML 6Page - Maxim Integrated Products MAX8863R Datasheet HTML 7Page - Maxim Integrated Products MAX8863R Datasheet HTML 8Page - Maxim Integrated Products MAX8863R Datasheet HTML 9Page - Maxim Integrated Products MAX8863R Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low-Dropout, 120mA Linear Regulators
6
_______________________________________________________________________________________
_______________Detailed Description
The MAX8863/MAX8864 are low-dropout, low-quiescent-
current linear regulators designed primarily for battery-
powered applications. They supply an adjustable 1.25V to
6.5V output or a preselected 2.80V (MAX886_R), 2.84V
(MAX886_S), or 3.15V (MAX886_T) output for load currents
up to 120mA. As illustrated in Figure 1, these devices con-
sist of a 1.25V reference, error amplifier, MOSFET driver, P-
channel pass transistor, Dual Mode™ comparator, and
internal feedback voltage divider.
The 1.25V bandgap reference is connected to the error
amplifier’s inverting input. The error amplifier compares this
reference with the selected feedback voltage and amplifies
the difference. The MOSFET driver reads the error signal
and applies the appropriate drive to the P-channel pass
transistor. If the feedback voltage is lower than the refer-
ence, the pass-transistor gate is pulled lower, allowing more
current to pass and increasing the output voltage. If the
feedback voltage is too high, the pass-transistor gate is
pulled up, allowing less current to pass to the output.
The output voltage is fed back through either an internal
resistor voltage divider connected to the OUT pin, or an
external resistor network connected to the SET pin. The
Dual Mode comparator examines the SET voltage and
selects the feedback path. If SET is below 60mV, internal
feedback is used and the output voltage is regulated to the
preset output voltage. Additional blocks include a current
limiter, reverse battery protection, thermal sensor, and shut-
down logic.
SHUTDOWN
LOGIC
ERROR
AMP
1.25V
REF
P
N
*
OUT
SET
DUAL-MODE
COMPARATOR
60mV
* AUTO-DISCHARGE, MAX8864 ONLY
GND
IN
SHDN
MAX8863
MAX8864
MOS DRIVER
WITH ILIMIT
THERMAL
SENSOR
REVERSE
BATTERY
PROTECTION
______________________________________________________________Pin Description
Active-Low Shutdown Input. A logic low reduces the supply current to 0.1nA. On the MAX8864, a logic low
also causes the output voltage to discharge to GND. Connect to IN for normal operation.
SHDN
1
PIN
FUNCTION
NAME
GND
2
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground plane to max-
imize thermal dissipation.
3
Regulator Input. Supply voltage can range from +2.5V to +6.5V. Bypass with 1µF to GND (see
Capacitor
Selection and Regulator Stability).
OUT
4
Regulator Output. Fixed or adjustable from 1.25V to +6.5V. Sources up to 120mA. Bypass with a 1µF, <0.2
typical ESR capacitor to GND.
IN
SET
5
Feedback Input for Setting the Output Voltage. Connect to GND to set the output voltage to the preset 2.80V
(MAX886_R), 2.84V (MAX886_S), or 3.15V (MAX886_T). Connect to an external resistor divider for
adjustable-output operation.
Figure 1. Functional Diagram


Similar Part No. - MAX8863R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8863REUK+T MAXIM-MAX8863REUK+T Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8863REUK-T MAXIM-MAX8863REUK-T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
logo
ON Semiconductor
MAX8863REUK-T ONSEMI-MAX8863REUK-T Datasheet
75Kb / 12P
   Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
February, 2001 ??Rev. 1
More results

Similar Description - MAX8863R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com