Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6151A Datasheet(PDF) 2 Page - Semtech Corporation

Part # 1N6151A
Description  QPL 1500 Watt Axial Leaded TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6151A Datasheet(HTML) 2 Page - Semtech Corporation

  1N6151A Datasheet HTML 1Page - Semtech Corporation 1N6151A Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N6138A
Thru
1N6173A
TEL:805-498-2111 FAX:805-498-3804
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
QPL
1500 Watt Axial Leaded TVS
100
60
40
20
0
Pulse conditions as
defined by 10 X 1000us
0
40
80
120
160
200
Pp or
Ipp in %
of max
ratings
Tj (oC)
impulse waveform
NOTES :
1. Controlling dimension is inches.
2. Includes uncontrolled area of device leads.
PEAK PULSE POWER vs. PULSE TIME
10x1000µs IMPULSE WAVEFORM
PULSE DERATING CURVE
STEADY STATE DERATING CHARACTERISTICS
FOR FREE AIR MOUNTING
MECHANICAL OUTLINE
SCHEMATIC
AMBIENT TEMPERATURE (TA) IN degC
MAX. POWER (W)
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
120
140
160
180
A
D
B
B
C
NOTE
N
DIM
MAX
MIN
MAX
MIN
INCHES
MM
DIMENSIONS
A
B
C
D
0.900
0.185
1.300
0.042
22.86
4.70
33.02
1.07
2
0.036
0.91
0.135
3.40
0.255
6.6
0.140
3.5
0.1
1
10
100
0.1
1
10
100
1000
10000
Pulse Duration (us)


Similar Part No. - 1N6151A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6151A MICROSEMI-1N6151A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6151A MICROSEMI-1N6151A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Semtech Corporation
1N6151A SEMTECH-1N6151A Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Sensitron
1N6151A SENSITRON-1N6151A Datasheet
41Kb / 3P
   Transient Voltage Suppressor Diode, 1500W
logo
Digitron Semiconductors
1N6151A DIGITRON-1N6151A Datasheet
453Kb / 3P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
More results

Similar Description - 1N6151A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6469 SEMTECH-1N6469 Datasheet
24Kb / 2P
   QPL 1500 Watt Axial Leaded TVS
1N6469 SEMTECH-1N6469_08 Datasheet
321Kb / 2P
   QPL 1500 Watt Axial Leaded TVS
1N6461 SEMTECH-1N6461 Datasheet
24Kb / 2P
   QPL 500 Watt Axial Leaded TVS
1N6102A SEMTECH-1N6102A Datasheet
31Kb / 2P
   QPL 500 Watt Axial Leaded TVS
1N6469US SEMTECH-1N6469US Datasheet
130Kb / 3P
   QPL 1500 Watt Surface Mount TVS
logo
Protek Devices
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
   1500 WATT TVS COMPONENT
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
Semtech Corporation
1N6461US SEMTECH-1N6461US Datasheet
128Kb / 4P
   QPL 500 Watt Surface Mount TVS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com