Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8952EWET Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8952EWET
Description  2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8952EWET Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8952EWET Datasheet HTML 1Page - Maxim Integrated Products MAX8952EWET Datasheet HTML 2Page - Maxim Integrated Products MAX8952EWET Datasheet HTML 3Page - Maxim Integrated Products MAX8952EWET Datasheet HTML 4Page - Maxim Integrated Products MAX8952EWET Datasheet HTML 5Page - Maxim Integrated Products MAX8952EWET Datasheet HTML 6Page - Maxim Integrated Products MAX8952EWET Datasheet HTML 7Page - Maxim Integrated Products MAX8952EWET Datasheet HTML 8Page - Maxim Integrated Products MAX8952EWET Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The MAX8952 high-efficiency DC-to-DC step-down
switching regulator delivers up to 2.5A of output current.
The device operates from a 2.5V to 5.5V input voltage
range, supporting commonly-used battery technologies
in handsets. The output voltage is I2C programmable
from 0.77V to 1.40V. Remote sense ensures precise DC
regulation at the load. Total output error is less than
±1.5% over load, line, and temperature.
The IC operates at a 3.25MHz fixed frequency. The high
operating frequency minimizes the size of external com-
ponents. The switching frequency of the converter can be
synchronized to the master clock of the application. When
synchronizing to an external clock, the IC measures the
frequency of the external clock to ensure that the clock is
stable before changing the switching frequency to the
external clock frequency.
An on-board DAC allows adjustment of the output volt-
age in 10mV steps. The output voltage can be pro-
grammed directly through the I2C interface, or by
preloading a set of on-board registers and using the
two VID logic signals to select the appropriate register.
Other features include internal soft-start control circuitry
to reduce inrush current, output overvoltage, overcur-
rent, and overtemperature protection.
Applications
Cell Phones and Smartphones
PDAs and MP3 Players
Tablet PCs
Features
o 2.5A Guaranteed Output Current
o I2C Programmable VOUT (770mV to 1.40V in 10mV
Steps)
o Initial Accuracy ±0.5% at 1.40V Output
o ±1.5% Output Accuracy Over Load, Line, and
Temperature (DCR
38.5mΩ)
o Power-Save Mode Increases Light Load Efficiency
o Fixed 3.25MHz PWM Switching Frequency
o Small 1.0µH Inductor
o Synchronizes to 13MHz, 19.2MHz, or 26MHz
System Clock When Available
o Overvoltage and Overcurrent Protection
o Operates from 2.5V to 5.5V Input Supply
o Thermal Shutdown Protection
o On-Chip FET and Synchronous Rectifier
o 400kHz I2C Interface
o < 1µA Shutdown Current
o 16-Bump, 2mm x 2mm WLP Package
2.5A Step-Down Regulator
with Remote Sense in 2mm x 2mm WLP
________________________________________________________________
Maxim Integrated Products
1
19-5318; Rev 1; 6/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX8952EWE+T
-40°C to +85°C
16-Bump WLP
(0.5mm pitch)
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Bump Configuration
+
WLP 0.5mm PITCH
B2
B4
C4
B3
B1
A4
A3
A2
A1
D4
C1
D1
C3
C2
D3
D2
IN1
AGND
IN2
EN
LX
LX
SNS-
VID0
PGND
PGND
VDD
SDA
SCL
SYNC
VID1
SNS+
TOP VIEW
(BUMPS ON BOTTOM)
Typical Operating Circuit
2.5V TO
5.5V
VOUT
(0.77V TO
1.40V)
LX
IN2
VDD
SCL
1.8V TO
3.6V
2.5V TO
5.5V
11
Ω
0.1
μF
10
μF
0.1
μF
0.1
μF
10
μF
10
μF
SDA
IN1
SYNC
PGND
SNS+
SNS-
EN
VID0
VID1
AGND
MAX8952
1
μH
CPU
0.1
μF
2.2
μF


Similar Part No. - MAX8952EWET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX895L MAXIM-MAX895L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX895L MAXIM-MAX895L Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX895LC MAXIM-MAX895LC Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX895LC/D MAXIM-MAX895LC/D Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX895LD MAXIM-MAX895LD Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
More results

Similar Description - MAX8952EWET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
   High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
logo
Analog Devices
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
   5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
logo
Maxim Integrated Produc...
MAX8831 MAXIM-MAX8831 Datasheet
422Kb / 27P
   High-Efficiency, White LED Step-Up Converter with I2C Interface in 2mm x 2mm WLP
Rev 0; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com