Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8903YETIT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8903YETIT
Description  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power Thermistor Monitor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903YETIT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8903YETIT Datasheet HTML 1Page - Maxim Integrated Products MAX8903YETIT Datasheet HTML 2Page - Maxim Integrated Products MAX8903YETIT Datasheet HTML 3Page - Maxim Integrated Products MAX8903YETIT Datasheet HTML 4Page - Maxim Integrated Products MAX8903YETIT Datasheet HTML 5Page - Maxim Integrated Products MAX8903YETIT Datasheet HTML 6Page - Maxim Integrated Products MAX8903YETIT Datasheet HTML 7Page - Maxim Integrated Products MAX8903YETIT Datasheet HTML 8Page - Maxim Integrated Products MAX8903YETIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX8903A–MAX8903E/MAX8903G/MAX8903H/
MAX8903J/MAX8903Y are integrated 1-cell Li+ charg-
ers and Smart Power Selectors™ with dual (AC adapter
and USB) power inputs. The switch mode charger uses
a high switching frequency to eliminate heat and allow
tiny external components. It can operate with either
separate inputs for USB and AC adapter power, or from
a single input that accepts both. All power switches for
charging and switching the load between battery and
external power are included on-chip. No external
MOSFETs, blocking diodes, or current-sense resistors
are required.
The MAX8903_ features optimized smart power control
to make the best use of limited USB or adapter power.
Battery charge current and SYS output current limit are
independently set. Power not used by the system
charges the battery. Charge current and SYS output cur-
rent limit can be set up to 2A while USB input current can
be set to 100mA or 500mA. Automatic input selection
switches the system from battery to external power. The
DC input operates from 4.15V to 16V with up to 20V pro-
tection, while the USB input has a range of 4.1V to 6.3V
with up to 8V protection.
The MAX8903_ internally blocks current from the bat-
tery and system back to the DC and USB inputs when
no input supply is present. Other features include pre-
qual charging and timer, fast charge timer, overvoltage
protection, charge status and fault outputs, power-OK
monitors, and a battery thermistor monitor. In addition,
on-chip thermal limiting reduces battery charge rate
and AC adapter current to prevent charger overheat-
ing. The MAX8903_ is available in a 4mm x 4mm, 28-pin
thin QFN package.
The various versions of the MAX8903_ allow for design
flexibility to choose key parameters such as system
regulation voltage, battery prequalification threshold,
and battery regulation voltage. The MAX8903B/
MAX8903E/MAX8903G also includes power-enable on
battery detection. See the
Selector Guide section for
complete details.
Applications
Features
o Efficient DC-DC Converter Eliminates Heat
o 4MHz Switching for Tiny External Components
o Instant On—Works with No/Low Battery
o Dual Current-Limiting Inputs—AC Adapter or USB
Automatic Adapter/USB/Battery Switchover to
Support Load Transients
50m
Ω System-to-Battery Switch
Supports USB Spec
o Thermistor Monitor
o Integrated Current-Sense Resistor
o No External MOSFETs or Diodes
o 4.1V to 16V Input Operating Voltage Range
2A 1-Cell Li+ DC-DC Chargers for USB
and Adapter Power
________________________________________________________________
Maxim Integrated Products
1
19-4410; Rev 4; 5/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configuration appears at end of data sheet.
Selector Guide appears at end of data sheet.
CHARGE
AND
SYS LOAD
SWITCH
DC
SYS
BAT
AC
ADAPTER
OR USB
SYSTEM
LOAD
BATTERY
GND
USB
USB
CHARGE
CURRENT
LOAD
CURRENT
LX
CS
PWM
STEP-DOWN
MAX8903_
Typical Operating Circuit
Smart Power Selector is a trademark of Maxim Integrated
Products, Inc.
PDAs, Palmtops, and
Wireless Handhelds
Personal Navigation
Devices
Smart Cell Phones
Portable Multimedia
Players
Mobile Internet Devices
Ultra Mobile PCs
Ordering Information
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
**
Future product—contact factory for availability.
T = Tape and reel.
PART
TEMP RANGE
PIN-PACKAGE
MAX8903AETI+T
-40°C to +85°C
28 Thin QFN-EP*
MAX8903BETI+T
-40°C to +85°C
28 Thin QFN-EP*
MAX8903CETI+T
-40°C to +85°C
28 Thin QFN-EP*
MAX8903DETI+T
-40°C to +85°C
28 Thin QFN-EP*
MAX8903EETI+T
-40°C to +85°C
28 Thin QFN-EP*
MAX8903GETI+T
-40°C to +85°C
28 Thin QFN-EP*
MAX8903HETI+T
-40°C to +85°C
28 Thin QFN-EP*
MAX8903JETI+T**
-40°C to +85°C
28 Thin QFN-EP*
MAX8903YETI+T
-40°C to +85°C
28 Thin QFN-EP*


Similar Part No. - MAX8903YETIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8903YETI+T MAXIM-MAX8903YETI+T Datasheet
1Mb / 30P
   2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
Rev 5; 9/11
More results

Similar Description - MAX8903YETIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8903A MAXIM-MAX8903A_13 Datasheet
1Mb / 30P
   2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
Rev 5; 9/11
MAX8903A MAXIM-MAX8903A Datasheet
592Kb / 20P
   2A 1-Cell Li DC-DC Charger for USB* and Adapter Power
Rev 0; 12/08
logo
Monolithic Power System...
MP2611 MPS-MP2611 Datasheet
751Kb / 22P
   2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
MAX1925 MAXIM-MAX1925 Datasheet
443Kb / 16P
   Switch-Mode 1-Cell Li Chargers
Rev 1; 10/02
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Maxim Integrated Produc...
MAX8971 MAXIM-MAX8971_V01 Datasheet
2Mb / 45P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
45
MAX8971 MAXIM-MAX8971 Datasheet
3Mb / 39P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
Rev 0; 1/12
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
   Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com