Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC9018 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC9018
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC9018 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC9018_10 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2010. 6. 25
1/1
SEMICONDUCTOR
TECHNICAL DATA
KTC9018
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 1
HIGH FREQUENCY LOW NOISE AMPLIFIER APPLICATION.
VHF BAND AMPLIFIER APPLICATION.
FEATURES
・Small Reverse Transfer Capacitance
: Cre=0.65pF(Typ.).
・Low Noise Figure : NF=2.2dB(Typ.) at f=100MHz.
・High Transition Frequency : fT=800MHz(Typ.).
MAXIMUM RATING (Ta=25
℃)
TO-92
DIM MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2 3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE Classification E:40~59, F:54~80, G:72~108, H:97~146, I:130~198
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=40V, IE=0
-
-
0.1
μA
Emitter Cut-off Current
IEBO
VEB=4V, IC=0
-
-
0.1
μA
DC Current Gain
hFE (Note)
VCE=5V, IC=1mA
40
-
198
Reverse Transfer Capacitance
Cre
VCE=6V, f=1MHz, IE=0
-
-
1.0
pF
Transition Frequency
fT
VCE=10V, IC=8mA, f=100MHz
500
800
-
MHz
Collector-Base Time Constant
CC・rbb'
VCE=6V, IE=-1mA, f=30MHz
-
-
30
pS
Noise Figure
NF
VCE=6V, IE=-1mA, f=100MHz
-
-
4.0
dB
Power Gain
Gpe
15
-
-
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
4
V
Collector Current
IC
20
mA
Emitter Current
IE
-20
mA
Collector Power Dissipation
PC*
625
mW
400
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
* Cu Lead-Frame : 625mW
Fe Lead-Frame : 400mW


Similar Part No. - KTC9018_10

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC9018 KEC-KTC9018_15 Datasheet
345Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC9018_10

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com