Selected language     English  ā–¼


KTD1937 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KTD1937
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 1 page
background image
2007. 5. 22
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTD1937
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
HIGH CURRENT SWITCHING APPLICATION.
LAMP SOLENOID DRIVER.
FEATURES
High hFE : 500
1500(IC=1A).
Low Saturation :VCE(sat)=0.35V(Max.) (IC=5A).
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+
_
12.0 0.3
+
_
13.6 0.5
+
_
3.7 0.2
+
_
Ī¦3.2 0.2
+
_
10.0 0.3
+
_
15.0 0.3
+
_
3.0 0.3
+
_
4.5 0.2
+
_
2.54 0.1
+
_
+
2.6 0.2
_
6.8 0.1
+
_
1. BASE
2. COLLECTOR
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEB0
7
V
Collector Current
DC
IC
10
A
Pulse
ICP
15
Base Current
IB
2
A
Collector Power
Dissipation
Ta=25
PC
2
W
Tc=25
40
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
BASE
COLLECTOR
EMITTER
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=80V, IE=0
-
-
10
A
Emitter Cut-off Current
IEBO
VEB=7V, IC=0
-
-
10
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=50mA, IB=0
80
-
-
V
DC Current Gain
hFE(1)
VCE=1V, IC=1A
500
-
1500
hFE(2)
VCE=1V, IC=5A
150
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=5A, IB=0.05A
-
-
0.35
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=5A, IB=0.05A
-
-
1.2
V
Collector-Emitter Forward Voltage
VECF
IE=5A, IB=0
-
-
2.7
V
Transition Frequency
fT
VCE=5V, IC=1A
-
70
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
160
-
pF
Switching Time
Turn-on Time
ton
IB1
B1
I
0
CC
V
=30V
IB2
IB2
20
Āµsec
I
=-I
=0.05A
B1
B2
OUTPUT
DUTY CYCLE < 1%
INPUT
-
0.6
-
S
Storage Time
tstg
-
6.0
-
Fall Time
tf
-
1.0
-
EQUIVALENT CIRCUIT




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl