Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9257A Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9257A
Description  Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9257A Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9257A Datasheet HTML 6Page - Maxim Integrated Products MAX9257A Datasheet HTML 7Page - Maxim Integrated Products MAX9257A Datasheet HTML 8Page - Maxim Integrated Products MAX9257A Datasheet HTML 9Page - Maxim Integrated Products MAX9257A Datasheet HTML 10Page - Maxim Integrated Products MAX9257A Datasheet HTML 11Page - Maxim Integrated Products MAX9257A Datasheet HTML 12Page - Maxim Integrated Products MAX9257A Datasheet HTML 13Page - Maxim Integrated Products MAX9257A Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
���������������������������������������������������������������� Maxim Integrated Products 10
MAX9257A/MAX9258A
Fully Programmable Serializer/Deserializer
with UART/I2C Control Channel
Typical Operating Characteristics (continued)
(VCC_ = +3.3V, RL = 50O, CL = 8pF, TA = +25NC, unless otherwise noted.)
MAX9258A SUPPLY CURRENT
vs. FREQUENCY
PCLK FREQUENCY (MHz)
40
10
35
15
40
20
60
80
100
120
0
5
45
25
20
30
PRBS PATTERN
10-BIT
4% SPREAD
NO SPREAD
SERIAL LINK SWITCHING PATTERN WITHOUT
PREEMPHASIS (BIT RATE = 840MHz, 2m STP CABLE)
SERIAL LINK SWITCHING PATTERN WITH
PREEMPHASIS (BIT RATE = 840MHz, 2m STP CABLE)
(PREEMPHASIS = 100%)
MAX9257A OUTPUT POWER
SPECTRUM vs. PCLK FREQUENCY
PCLK FREQUENCY (MHz)
21
19
-20
-30
-10
0
-60
-70
-50
-40
10
20
-80
18
22
20
10kHz BW
4% SPREAD
2% SPREAD
NO SPREAD
BIT ERROR RATE (< 10-9) vs.
CABLE LENGTH
CABLE LENGTH (m)
700
800
500
600
900
400
0
8
6
2
4
10 12 14 16 18 20
BER CAN BE AS LOW AS 10-12 FOR
CABLE LENGTHS LESS THAN 10m.
NO SPREAD
STP CABLE
NO PREEMPHASIS
100% PREEMPHASIS
MAX9257A OUTPUT POWER
SPECTRUM vs. PCLK FREQUENCY
PCLK FREQUENCY (MHz)
44
40
-20
0
-60
-40
20
-80
38
46
42
10kHz BW
1.5% SPREAD
2% SPREAD
NO SPREAD
MAX9258A OUTPUT POWER
SPECTRUM vs. PCLK FREQUENCY
PCLK FREQUENCY (MHz)
44
40
-20
0
-60
-40
20
-80
38
46
42
10kHz BW
4% SPREAD
2% SPREAD
NO SPREAD
BIT ERROR RATE (< 10-9) vs.
CABLE LENGTH
CABLE LENGTH (m)
700
800
500
600
900
400
0
8
6
2
4
10 12 14 16 18 20
BER CAN BE AS LOW AS 10-12 FOR
CABLE LENGTHS LESS THAN 10m.
2% SPREAD ON
MAX9257, STP CABLE
NO PREEMPHASIS
100% PREEMPHASIS


Similar Part No. - MAX9257A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9257A MAXIM-MAX9257A Datasheet
1Mb / 24P
   On-Board Emulated Camera
Rev 0; 9/11
MAX9257AEVKIT MAXIM-MAX9257AEVKIT Datasheet
1Mb / 24P
   On-Board Emulated Camera
Rev 0; 9/11
MAX9257AEVKIT++ MAXIM-MAX9257AEVKIT+ Datasheet
1Mb / 24P
   On-Board Emulated Camera
Rev 0; 9/11
More results

Similar Description - MAX9257A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9257 MAXIM-MAX9257 Datasheet
363Kb / 52P
   Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
Rev 1; 3/09
logo
Lattice Semiconductor
XPIO110GXS LATTICE-XPIO110GXS Datasheet
351Kb / 23P
   Fully Integrated 10Gbps Serializer/Deserializer Device
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX1621 TI1-DS92LX1621_16 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com