Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9257A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9257A
Description  Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9257A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9257A Datasheet HTML 1Page - Maxim Integrated Products MAX9257A Datasheet HTML 2Page - Maxim Integrated Products MAX9257A Datasheet HTML 3Page - Maxim Integrated Products MAX9257A Datasheet HTML 4Page - Maxim Integrated Products MAX9257A Datasheet HTML 5Page - Maxim Integrated Products MAX9257A Datasheet HTML 6Page - Maxim Integrated Products MAX9257A Datasheet HTML 7Page - Maxim Integrated Products MAX9257A Datasheet HTML 8Page - Maxim Integrated Products MAX9257A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX9257A/MAX9258A
Fully Programmable Serializer/Deserializer
with UART/I2C Control Channel
MAX9257A DC ELECTRICAL CHARACTERISTICS (continued)
(VCC_ = +3.0V to +3.6V, VCCIO = +1.71V to +3.6V, RL = 50I Q1%, TA = -40NC to +105NC, unless otherwise noted. Typical values are
at VCC_ = +3.3V, TA = +25NC.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Current
IIN
VIN = 0 to VCCIO
-20
+20
F
A
VIN = 0 to VCC, REM input
-20
+20
Input Clamp Voltage
VCL
ICL = -18mA
-1.5
V
SINGLE-ENDED OUTPUTS
High-Level Output Voltage
VOH
IOH = -100FA
VCCIO -
0.1
V
IOH = -2mA
VCCIO -
0.35
Low-Level Output Voltage
VOL
IOL = 100FA
0.1
V
IOL = 2mA
0.3
Output Short-Circuit Current
IOS
Shorted to GND
VCCIO = +1.71V to +3V
-40
-4
mA
VCCIO = +3V to +3.6V
-50
-10
Shorted to VCCIO
VCCIO = +1.71V to +3V
4
40
VCCIO = +3V to +3.6V
10
50
I2C/UART I/O
Input Leakage Current
IILKG
VI = VCCIO
-1
+1
F
A
High-Level Input Voltage SDA/RX
VIH2
0.7 x
VCCIO
V
Low-Level Input Voltage SDA/RX
VIL2
0.3 x
VCCIO
V
Low-Level Output Voltage
SCL, SDA
VOL2
RPULLUP = 1.6kI to VCCIO
0.4
V
LVDS OUTPUTS (SDO+, SDO-)
Differential Output Voltage
VOD
Preemphasis off
(Figure 1)
250
350
460
mV
Change in VOD Between
Complementary Output States
D
VOD
25
mV
Common-Mode Voltage
VOS
1.050
1.25
1.375
V
Change in VOS Between
Complementary Output States
D
VOS
30
mV
Output Short-Circuit Current
IOS
VSDO+ or VSDO- = 0 or 3.6V
-15
+15
mA
Magnitude of Differential Output
Short-Circuit Current
IOSD
VOD = 0V
15
mA
CONTROL CHANNEL TRANSCEIVER
Differential Output Voltage
VOD
250
350
460
mV
Input Hysteresis
(Figure 2)
VHYST+
Differential low-to-high threshold
25
90
165
mV
VHYST-
Differential high-to-low threshold
-25
-90
-165


Similar Part No. - MAX9257A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9257A MAXIM-MAX9257A Datasheet
1Mb / 24P
   On-Board Emulated Camera
Rev 0; 9/11
MAX9257AEVKIT MAXIM-MAX9257AEVKIT Datasheet
1Mb / 24P
   On-Board Emulated Camera
Rev 0; 9/11
MAX9257AEVKIT++ MAXIM-MAX9257AEVKIT+ Datasheet
1Mb / 24P
   On-Board Emulated Camera
Rev 0; 9/11
More results

Similar Description - MAX9257A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9257 MAXIM-MAX9257 Datasheet
363Kb / 52P
   Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
Rev 1; 3/09
logo
Lattice Semiconductor
XPIO110GXS LATTICE-XPIO110GXS Datasheet
351Kb / 23P
   Fully Integrated 10Gbps Serializer/Deserializer Device
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX1621 TI1-DS92LX1621_16 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com