Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9257AGTL Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9257AGTL
Description  Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9257AGTL Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9257AGTL Datasheet HTML 5Page - Maxim Integrated Products MAX9257AGTL Datasheet HTML 6Page - Maxim Integrated Products MAX9257AGTL Datasheet HTML 7Page - Maxim Integrated Products MAX9257AGTL Datasheet HTML 8Page - Maxim Integrated Products MAX9257AGTL Datasheet HTML 9Page - Maxim Integrated Products MAX9257AGTL Datasheet HTML 10Page - Maxim Integrated Products MAX9257AGTL Datasheet HTML 11Page - Maxim Integrated Products MAX9257AGTL Datasheet HTML 12Page - Maxim Integrated Products MAX9257AGTL Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX9257A/MAX9258A
Fully Programmable Serializer/Deserializer
with UART/I2C Control Channel
MAX9258A AC ELECTRICAL CHARACTERISTICS (continued)
(VCC_ = +3.0V to +3.6V, VCCIO = +1.71V to +3.6V, RL = 50I Q1%, CL = 8pF, differential input voltage |VID| = 0.1V to 1.2V, input
common-mode voltage VCM = |VID/2| to VCC - |VID/2|, TA = -40NC to +105NC, unless otherwise noted. Typical values are at VCC_ =
+3.3V, |VID| = 0.2V, VCM = 1.2V, TA = +25NC) (Notes 5, 6 and 7)
Note 2: Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to ground
except VTH and VTL.
Note 3: Maximum and minimum limits over temperature are guaranteed by design and characterization. Devices are production
tested at TA = +105NC.
Note 4: One output at a time.
Note 5: AC parameters are guaranteed by design and characterization, and are not production tested.
Note 6: CL includes probe and test jig capacitance.
Note 7: tT is the period of the PCLK_OUT.
Note 8: For high-speed mode timing, see the Detailed Description section.
Note 9: I2C timing parameters are specified for fast-mode I2C. Max data rate = 400kbps.
Typical Operating Characteristics
(VCC_ = +3.3V, RL = 50O, CL = 8pF, TA = +25NC, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data Valid Before PCLK_ OUT
tDVB
(Figure 11)
0.35 x tT
ns
Data Valid After PCLK_OUT
tDVA
(Figure 11)
0.35 x tT
ns
Serial-to-Parallel Delay
tSPD1
Spread off (Figure 14)
8tT
ns
tSPD2
Q
4% spread
40tT
Power-Up Delay
tPUD
(Figure 12)
100
ns
Power-Down to High Impedance
tPDD
(Figure 13)
100
ns
Jitter Tolerance
tJT
Each half of the UI, 12 bit,
SRATE = 840Mbps, PRBS
pattern (Figure 15)
No spread
0.25
0.30
UI
MAX9257A SUPPLY CURRENT
vs. FREQUENCY
PCLK FREQUENCY (MHz)
20
40
25
35
15
30
10
20
40
60
80
100
120
0
5
45
PRBS PATTERN
18-BIT
100% PREEMPHASIS
NO PREEMPHASIS
MAX9257A SUPPLY CURRENT
vs. FREQUENCY
PCLK FREQUENCY (MHz)
55
15
45
60
40
20
80
100
120
140
0
5
75
35
65
25
PRBS PATTERN
10-BIT
100% PREEMPHASIS
NO PREEMPHASIS
MAX9258A SUPPLY CURRENT
vs. FREQUENCY
PCLK FREQUENCY (MHz)
40
10
35
15
40
20
60
80
100
120
0
5
45
25
20
30
PRBS PATTERN
18-BIT
4% SPREAD
NO SPREAD


Similar Part No. - MAX9257AGTL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9257A MAXIM-MAX9257A Datasheet
1Mb / 24P
   On-Board Emulated Camera
Rev 0; 9/11
MAX9257AEVKIT MAXIM-MAX9257AEVKIT Datasheet
1Mb / 24P
   On-Board Emulated Camera
Rev 0; 9/11
MAX9257AEVKIT++ MAXIM-MAX9257AEVKIT+ Datasheet
1Mb / 24P
   On-Board Emulated Camera
Rev 0; 9/11
More results

Similar Description - MAX9257AGTL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9257 MAXIM-MAX9257 Datasheet
363Kb / 52P
   Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
Rev 1; 3/09
logo
Lattice Semiconductor
XPIO110GXS LATTICE-XPIO110GXS Datasheet
351Kb / 23P
   Fully Integrated 10Gbps Serializer/Deserializer Device
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX1621 TI1-DS92LX1621_16 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com