Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YG805C10R Datasheet(PDF) 2 Page - Fuji Electric

Part # YG805C10R
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YG805C10R Datasheet(HTML) 2 Page - Fuji Electric

  YG805C10R Datasheet HTML 1Page - Fuji Electric YG805C10R Datasheet HTML 2Page - Fuji Electric YG805C10R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
YG805C10R
(100V / 20A TO-22OF15)
Characteristics
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Tj=150
o
C
Tj=125
o
C
Tj=100
o
C
Tj=25
o
C
Forward Characteristic (typ.)
VF
Forward Voltage
(V)
0
1020
304050607080
90
100
110
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Reverse Characteristic (typ.)
Tj= 25
o
C
Tj=100
o
C
Tj=125
o
C
Tj=150
o
C
VR
Reverse Voltage
(V)
0
123
45678
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Per 1element
DC
Square wave
λ=180
o
Sine wave
λ=180
o
Square wave
λ=120
o
Square wave
λ=60
o
Forward Power Dissipation
Io
Average Forward Current
(A)
360°
Io
λ
0
1020304050
60708090
100
110
0
5
10
15
20
25
30
35
40
Reverse Power Dissipation
α =180
o
DC
VR
Reverse Voltage
(V)
360°
VR
α
0
2
4
6
8
1012
14
161820
2224
2628
3032
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
λ:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave
λ=120
o
Square wave
λ=60
o
Square wave
λ=180
o
Sine wave
λ=180
o
DC
Current Derating (Io-Tc)
Io
Average Output Current (A)
VR=50V
360°
λ
Io
1
10
100
1000
10
100
1000
10000
Junction Capacitance Characteristic (typ.)
VR
Reverse Voltage
(V)


Similar Part No. - YG805C10R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG805C04 FUJI-YG805C04 Datasheet
74Kb / 4P
   SCHOTTKY BARRIER DIODE
YG805C04R FUJI-YG805C04R Datasheet
45Kb / 3P
   SCHOTTKY BARRIER DIODE
YG805C06 FUJI-YG805C06 Datasheet
46Kb / 3P
   SCHOTTKY BARRIER DIODE (60V / 20A TO-22OF15)
YG805C06R FUJI-YG805C06R Datasheet
46Kb / 3P
   SCHOTTKY BARRIER DIODE (60V / 20A TO-22OF15)
YG805C06R FUJI-YG805C06R_01 Datasheet
51Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - YG805C10R

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com