Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9918 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9918
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9918 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9918 Datasheet HTML 1Page - Maxim Integrated Products MAX9918 Datasheet HTML 2Page - Maxim Integrated Products MAX9918 Datasheet HTML 3Page - Maxim Integrated Products MAX9918 Datasheet HTML 4Page - Maxim Integrated Products MAX9918 Datasheet HTML 5Page - Maxim Integrated Products MAX9918 Datasheet HTML 6Page - Maxim Integrated Products MAX9918 Datasheet HTML 7Page - Maxim Integrated Products MAX9918 Datasheet HTML 8Page - Maxim Integrated Products MAX9918 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VRS+ = VRS- = +14V, VSENSE = (VRS+ - VRS-) = 0V, VSHDN = VGND = 0V, VREFIN = VCC/2, RL = 100k
Ω; for MAX9918, AV =
90V/V, R2/R1 = 89k
Ω/1kΩ; for MAX9920, AV = 20V/V, R2/R1 = 79kΩ/1kΩ; TA = -40°C to +125°C, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
RS+, RS- to GND (VCC = 5V) ..................................-30V to +80V
RS+, RS- to GND (VCC = 0V) .............-15V to +80V (15 minutes)
Differential Input Voltage (VRS+ - VRS-)
(MAX9918/MAX9919).................................±15V (Continuous)
Differential Input Voltage
(VRS+ - VRS-) (MAX9920) .............................±5V (Continuous)
REFIN, FB, OUT to GND.............................-0.3V to (VCC + 0.3V)
SHDN to GND.........................................................-0.3V to +20V
Output Short Circuit to VCC or GND...........................Continuous
Continuous Current into Any Pin
(Not to exceed package power dissipation) ................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOIC-EP (derate 24.4mW/°C above +70°C) .1951.2mW**
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PACKAGE THERMAL CHARACTERISTICS (Note 1)
SOIC-EP
Junction-to-Ambient Thermal Resistance (
θJA) ...........41°C/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
±0.14
±0.4
VRS+ = VRS- =
+14V, VREFIN
= 0V
TA = -40°C
to +125°C
±0.7
TA = +25°C
±0.08
±0.4
MAX9918
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C
to +125°C
±1.3
TA = +25°C
±0.18
±0.4
VRS+ = VRS- =
+14V, VREFIN
= 0V
TA = -40°C
to +125°C
±0.9
TA = +25°C
±0.11
±0.4
MAX9919_
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C
to +125°C
±1.0
TA = +25°C
±0.48
±1.2
VRS+ = VRS- =
+14V, VREFIN
= 0V
TA = -40°C
to +125°C
±3.0
TA = +25°C
±0.10
±0.9
Input Offset Voltage (Note 2)
VOS
MAX9920
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C
to +125°C
±3.5
mV
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
**
As per JEDEC51 Standard (multilayer board).


Similar Part No. - MAX9918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9918 MAXIM-MAX9918 Datasheet
107Kb / 7P
   Fully Assembled and Tested
Rev 0; 4/09
MAX9918ASA MAXIM-MAX9918ASA Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
More results

Similar Description - MAX9918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
   -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com