Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90KS200C Datasheet(PDF) 2 Page - Semtech Corporation

Part # 90KS200C
Description  60,000 & 90,000 Watt TVS Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

90KS200C Datasheet(HTML) 2 Page - Semtech Corporation

  90KS200C Datasheet HTML 1Page - Semtech Corporation 90KS200C Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TEL:805-498-2111 FAX:805-498-3804
60,000 & 90,000 Watt TVS Module
60KS200C
90KS200C
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PEAK PULSE POWER vs. PULSE TIME
1.5x40µs IMPULSE WAVEFORM
PULSE DERATING CURVE
100
60
40
20
0
0
50
100
150
200
Pp or
Ipp in %
of max
ratings
Tj (oC)
25
75
125
175
Pulse Conditions as
defined by 10 x 1000us
10
30
50
70
Impulse waveform
MECHANICAL OUTLINE
PULSE TIME (tp)
100
1000
10000
100000
1000kw
10kw
100kw
1us
10us
100us
1ms
10ms
1kw
P
P
60KS200C
90KS200C
1.5us
Ipp
40us
0.9Ipp
0.1Ipp
0.5Ipp
NOTE
N
DIM
MAX
MIN
MAX
MIN
INCHES
MM
DIMENSIONS
A
2.22
56.3
B
1.35
34.2
C
.47
11.9
D
E
.135
3.4
F
.66
16.7
G
H
J
.325 .365
8.2
9.3
K
DIA.
2.50
63.5
1.90
0.55
13.9
1.88
1.92
47.8
48.8
0.30
7.6
0.95
24.1
48.3
.98
1.02
24.9
25.9
.26
.29
7.5
6.5
.193
.205
5.35
5.65
90KS200C
NOTE
N
DIM
MAX
MIN
MAX
MIN
INCHES
MM
DIMENSIONS
A
2.22 2.28
56.3 58.0
B
1.35 1.40
34.2 35.6
C
.47
.53
11.9 13.5
D
1.93 1.97
49.0 50.1
E
.135 .165
3.4
4.2
F
.66
.72
16.7 18.3
G
.77
.83
19.5 21.1
H
.22
.28
5.5
7.2
J
.325 .365
8.2
9.3
K
.120 .130
3.0
3.3
DIA.
60KS200C


Similar Part No. - 90KS200C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
90KS200C MICROSEMI-90KS200C Datasheet
71Kb / 2P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Protek Devices
90KS200C PROTEC-90KS200C Datasheet
104Kb / 3P
   SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
logo
Sensitron
90KS200C SENSITRON-90KS200C Datasheet
67Kb / 3P
   60KW / 90KW Bi-directional Series
logo
Protek Devices
90KS200C PROTEC-90KS200C Datasheet
68Kb / 3P
   SHIPBOARD/ AC POWER BUS VOLTAGE SUPPRESSOR
90KS200C PROTEC-90KS200C Datasheet
430Kb / 6P
   shipboard/ac power bus voltage suppressor
More results

Similar Description - 90KS200C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
   15,000 Watt TVS Module
logo
Protek Devices
PSOT05CU PROTEC-PSOT05CU_12 Datasheet
655Kb / 6P
   300 WATT TVS ARRAY
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
PSOT15KCA PROTEC-PSOT15KCA_12 Datasheet
637Kb / 6P
   300 WATT TVS ARRAY
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
PSOT03 PROTEC-PSOT03_12 Datasheet
740Kb / 8P
   500 WATT TVS ARRAY
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
PAM37SDXXAL PROTEC-PAM37SDXXAL Datasheet
390Kb / 7P
   400 WATT TVS COMPONENT
P4SMA PROTEC-P4SMA Datasheet
444Kb / 7P
   400 WATT TVS COMPONENT
CAL PROTEC-CAL Datasheet
493Kb / 7P
   400 Watt TVS component
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com