Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11040K Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11040K
Description  24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040K Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11040K Datasheet HTML 4Page - Maxim Integrated Products MAX11040K Datasheet HTML 5Page - Maxim Integrated Products MAX11040K Datasheet HTML 6Page - Maxim Integrated Products MAX11040K Datasheet HTML 7Page - Maxim Integrated Products MAX11040K Datasheet HTML 8Page - Maxim Integrated Products MAX11040K Datasheet HTML 9Page - Maxim Integrated Products MAX11040K Datasheet HTML 10Page - Maxim Integrated Products MAX11040K Datasheet HTML 11Page - Maxim Integrated Products MAX11040K Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
24-/16-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADCs
8
_______________________________________________________________________________________
Typical Operating Characteristics (MAX11040K continued)
(VAVDD = VDVDD = 3.3V, fXIN CLOCK = 24.576MHz, fOUT = 16ksps, VREFIO = 2.5V (external), CREFIO = CREF0 = CREF1 = CREF2 =
CREF3 = 1μF, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
5
10
15
20
25
30
0
3.0
3.6
AVDD = DVDD
IAVDD
IDVDD
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
76
47
18
-11
5
10
15
20
25
30
0
-40
105
VAVDD = VDVDD = 3.3V
IAVDD
IDVDD
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
100
200
300
400
500
0
3.0
3.6
AVDD = DVDD
IAVDD
IDVDD
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
76
47
18
-11
200
400
600
800
1000
0
-40
105
VAVDD = VDVDD = 3.6V
IAVDD
IDVDD
CRYSTAL OSCILLATOR STARTUP TIME
MAX11040K/11060 toc20
40
μs/div
CLKOUT
500mV/div


Similar Part No. - MAX11040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
1Mb / 32P
   MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040KDBEVKIT MAXIM-MAX11040KDBEVKIT Datasheet
1Mb / 32P
   MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040KEVKIT MAXIM-MAX11040KEVKIT Datasheet
1Mb / 32P
   MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040KGUU++ MAXIM-MAX11040KGUU+ Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results

Similar Description - MAX11040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
logo
Analog Devices
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Texas Instruments
ADS131M04 TI1-ADS131M04 Datasheet
993Kb / 78P
[Old version datasheet]   4-channel, simultaneously-sampling, 24-bit, delta-sigma ADC
ADS131M04-Q1 TI-ADS131M04-Q1 Datasheet
2Mb / 91P
[Old version datasheet]   ADS131M04-Q1 Automotive, 4-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
REVISED AUGUST 2022
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com