Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS102A Datasheet(PDF) 11 Page - Semtech Corporation

Part # ACS102A
Description  ACS102A Fiber Modem
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS102A Datasheet(HTML) 11 Page - Semtech Corporation

Back Button ACS102A Datasheet HTML 5Page - Semtech Corporation ACS102A Datasheet HTML 6Page - Semtech Corporation ACS102A Datasheet HTML 7Page - Semtech Corporation ACS102A Datasheet HTML 8Page - Semtech Corporation ACS102A Datasheet HTML 9Page - Semtech Corporation ACS102A Datasheet HTML 10Page - Semtech Corporation ACS102A Datasheet HTML 11Page - Semtech Corporation ACS102A Datasheet HTML 12Page - Semtech Corporation ACS102A Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
2
Advanced Communications
ACS102A Data Sheet
Figure 4. Typical application circuit for linking two PC Serial Ports via a Single Fiber Optic Cable using Ping-Pong LEDs
This diagram shows a PLCC44 package being used. The TQFP44 package option can be used with the same component layout.
Basic RS-232 to Fiber Interface Circuit
Figure 5. Basic Circuit for a Twin Fiber Link using LED and PIN.
APPLICATION CIRCUITS
ACS102A_PLCC
ACS102A_PLCC


Similar Part No. - ACS102A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102 STMICROELECTRONICS-ACS102 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1 STMICROELECTRONICS-ACS102-5T1 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1-TR STMICROELECTRONICS-ACS102-5T1-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA STMICROELECTRONICS-ACS102-5TA Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA-TR STMICROELECTRONICS-ACS102-5TA-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
More results

Similar Description - ACS102A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS104A SEMTECH-ACS104A Datasheet
146Kb / 12P
   ACS104A Fiber Modem
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com