Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS103 Datasheet(PDF) 1 Page - Semtech Corporation

Part # ACS103
Description  Acapella Optical Modem IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS103 Datasheet(HTML) 1 Page - Semtech Corporation

  ACS103 Datasheet HTML 1Page - Semtech Corporation ACS103 Datasheet HTML 2Page - Semtech Corporation ACS103 Datasheet HTML 3Page - Semtech Corporation ACS103 Datasheet HTML 4Page - Semtech Corporation ACS103 Datasheet HTML 5Page - Semtech Corporation ACS103 Datasheet HTML 6Page - Semtech Corporation ACS103 Datasheet HTML 7Page - Semtech Corporation ACS103 Datasheet HTML 8Page - Semtech Corporation ACS103 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACS103 Issue 2.03 May 1996.
1
2
ACS103 - 3 Channel, Synchronous or Asynchronous Single Fiber Modem
ACS103
Acapella Optical Modem IC
3 Channel, Synchronous or Asynchronous Single Fiber Modem
Main Features:
*
Enables three full-duplex serial transmission
channels through a single fiber optic cable,
providing a virtual six fiber path.
*
Link lengths up to 5 km.
*
Uses a single Ping Pong LED (PPLED) to both
transmit and receive data.
*
Supports 7 synchronous data rates up to 64 kbps
or asynchronous data rates from DC to 19.2/
9.6 kbps.
*
Supports three additional low frequency
asynchronous channels or RS-232 handshake
signals: RTS, CTS, DTR and DSR.
*
BER 10-9.
*
Digital mode, allowing the user to add an
external amplifier. Also enables the ACS103 be
used in non-fiber applications e.g. IR/RF.
*
ACS101
emulation
mode
giving
100 %
compatibility with the ACS101.
General Description:
The ACS103 is a complete synchronous optical-
modem controller/driver IC, supporting various
user-programmable, full-duplex data-rates to
256 kbps over a single fiber. Alternatively, up to 3
channels of 64 kbps each can be carried.
In
'Standard' mode, the fiber may be up to 2.5 km long,
or up to 5 km in 'Double' mode.
Communicating optical-modems automatically
maintain synchronisation with each other such that
the receive phase of one modem is lined-up with the
transmit phase of the other, compensating for the
propagation delay presented by the link. Link lengths
from zero to maximum distance are catered for
automatically.
The ACS103 incorporates ACS101 functionality, with
additional logic to support 3 channels.
Inter-IC Encoding Technique
The
3B4B
encoding
method
is
used
for
communication between ACS103s, thus ensuring
that there is no DC component in the signal. The
encoding and decoding is transparent to the user.
DCDB RTS CTS DTR DSR XI3 XO3 RSS
DR(1:4) DM(1:3)
CKC
SEL
XI1 XO1 XI2 XO2
FIFO
Compress
FIFO
Decompress
Digital
Filter
TxD1
TxD2
TxD3
RS-232 Interface
RxD1
RxD3
RxD2
RxCL
TxCL
GND
VA+
VD+
Digital
Filter
LED Driver
LED Receiver
Control Logic
GND
PPLED
LDN
CNT
TRC
LDP
3B4B
Decoder
3B4B
Encoder
XTAL
Block diagram of ACS103
4
3


Similar Part No. - ACS103

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
   Acapella Optical Modem IC
logo
STMicroelectronics
ACS102 STMICROELECTRONICS-ACS102 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1 STMICROELECTRONICS-ACS102-5T1 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1-TR STMICROELECTRONICS-ACS102-5T1-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA STMICROELECTRONICS-ACS102-5TA Datasheet
97Kb / 8P
   AC LINE SWITCH
More results

Similar Description - ACS103

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS411CS SEMTECH-ACS411CS Datasheet
259Kb / 43P
   Acapella Optical Modem IC
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
   Acapella Optical Modem IC
ACS401 SEMTECH-ACS401 Datasheet
88Kb / 8P
   Acapella Optical Modem IC
logo
alpha microelectronics ...
AMG-SO204 ALPHA-MICRO-AMG-SO204 Datasheet
767Kb / 30P
   Optical Switch IC
logo
List of Unclassifed Man...
ATA1088 ETC1-ATA1088 Datasheet
249Kb / 13P
   OPTICAL MOUSE SENSOR IC
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL312 SITI-42-DL312 Datasheet
457Kb / 6P
   Optical Fiber Receiving IC
42-DL213B SITI-42-DL213B Datasheet
108Kb / 6P
   Optical Fiber Transmitting IC
42-DL214 SITI-42-DL214 Datasheet
412Kb / 6P
   Optical Fiber Transmitting IC
42-DL313 SITI-42-DL313 Datasheet
131Kb / 6P
   Optical Fiber Receiving IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com