Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTK5164U Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTK5164U
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK5164U Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTK5164U Datasheet HTML 1Page - KEC(Korea Electronics) KTK5164U Datasheet HTML 2Page - KEC(Korea Electronics) KTK5164U Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008. 8. 11
2/3
KTK5164U
Revision No : 0
DRAIN-SOURCE VOLTAGE V
(V)
0
DS
0
I
- V
DDS
DRAIN CURRENT I
(mA)
1
10
D
Y
- I
GATE-SOURCE VOLTAGE V
(V)
DS
(LOW VOLTAGE REGION)
COMMON SOURCE
Ta=25 C
V
=1.4V
GS
V
=1.4V
GS
0
0
0.4
Ta=25 C
COMMON SOURCE
fs
D
10
100
100
1K
COMMON SOURCE
V
=10V
COMMON
SOURCE
V
=10V
DS
DS
48
20
12
16
40
80
120
160
200
1.6V
1.8V
2.0V
2.2V
2.2V
2.0V
1.8V
1.6V
0.8
1.2
1.6
2.0
40
80
120
160
200
I
- VDS
D
GATE-SOURCE VOTAGE V
(V)
GS
I
- V
DGS
DRAIN CURRENT I
(mA)
D
V
- I
DS(ON)
D
Ta=25 C
DRAIN-SOURCE VOLTAGE V
(V)
DS
C - VDS
Ta=25 C
5
10
30
50
300
100
V
=0
f=1MHz
Ta=25 C
GS
COMMON SOURCE
Ciss
Coss
rss
C
V
=0
f=1MHz
Ta=25 C
GS
COMMON SOURCE
300
10
30
50
100
0.1
12
3
4
5
1
10
100
0.1
0.3 0.5
13 5
10
50
30
3
5
10
30
50
100
300
500


Similar Part No. - KTK5164U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTK5164S KEC-KTK5164S Datasheet
398Kb / 3P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR (ULTRA-HIGH SPEED SWITCHING, ANALOG SWITCH)
KTK5164S KEC-KTK5164S_15 Datasheet
730Kb / 3P
   ANALOG SWITCH APPLICATIONS
More results

Similar Description - KTK5164U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com