Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTN2369 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTN2369
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2369 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTN2369_02 Datasheet HTML 1Page - KEC(Korea Electronics) KTN2369_02 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 6. 17
2/2
KTN2369/A
Revision No : 3
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
COLLECTOR CURRENT I
(mA)
C
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(mA)
C
V
- I
BE(sat)
C
0.1
0
0.01
1
CE
V
=1V
10
100
COLLECTOR CURRENT I
(mA)
C
h
- I
FE
C
50
100
150
200
I /I =10
0.3
0.1
0.3
1
3
10
30
Ta=-40 C
C B
300
100
COMMON EMITTER
Ta=-40 C
Ta=25 C
Ta=125 C
Ta=125 C
0
0.1
0.3
1
3
10
30
300
100
COMMON EMITTER
I /I =10
C B
0.1
0.2
0.3
0.4
0.5
Ta=-40 C
Ta=25 C
0.5
0.7
0.9
1.1
1.3
1.5
Ta=25 C
Ta=125 C
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P - Ta
0
50
10
0.1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
, C
- V
ob
CB
1.0
3.0
COMMON
C ibo
f=1MHz
25
100
200
300
400
500
600
700
0.3
3
0
1.0
2.0
3.0
4.0
5.0
Ta=25 C
obo
C
EMITTER
EMITTER-BASE VOLTAGE V
(V)
EB
ib
EB
0.1
0
0.3
COMMON EMITTER
V
=1V
CE
0.2
0.4
0.6
0.8
1.0
0.5
1
3
5
10
30
50
75
100
125
150
175


Similar Part No. - KTN2369_02

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTN2369A KEC-KTN2369A Datasheet
150Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HISH SPEED SWITCHING)
KTN2369AS KEC-KTN2369AS Datasheet
155Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369AU KEC-KTN2369AU Datasheet
152Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369AU KEC-KTN2369AU Datasheet
21Kb / 1P
   USM PACKAGE
KTN2369AU KEC-KTN2369AU_08 Datasheet
21Kb / 1P
   USM PACKAGE
More results

Similar Description - KTN2369_02

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com