Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ610X-0000 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAXQ610X-0000
Description  16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ610X-0000 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAXQ610X-0000 Datasheet HTML 6Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 7Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 8Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 9Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 10Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 11Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 12Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 13Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
16-Bit Microcontroller with Infrared Module
10
______________________________________________________________________________________
Pin Description (continued)
PIN
32 TQFN
40 TQFN
44 TQFN
NAME
FUNCTION
General-Purpose, Digital, I/O, Type-C Port. These port pins function as
bidirectional I/O pins. P2.0–P2.3 default to high-impedance mode after a reset.
Software must configure these pins after release from reset to remove the high-
impedance input condition. All alternate functions must be enabled from
software. Enabling the pin’s special function disables the general-purpose I/O
on the pin.
The JTAG pins (P2.4–P2.7) default to their JTAG function with weak pullups
enabled after a reset. The JTAG function can be disabled using the TAP bit in
the SC register.
P2.7 functions as the JTAG test-data output on reset and defaults to an input
with a weak pullup. The output function of the test data is only enabled during
the TAP’s Shift_IR or Shift_DR states.
32 TQFN
40 TQFN
44 TQFN
PORT
SPECIAL FUNCTION
25
27
P2.0
MOSI
26
29
P2.1
MISO
29
32
P2.2
SCLK
30
33
P2.3
SSEL
24
31
34
P2.4
TCK
25
32
35
P2.5
TDI
26
35
38
P2.6
TMS
24–27
25, 26,
29–32,
35, 36
27, 29,
32–35,
38, 39
P2.0–
P2.7;
MOSI,
MISO,
SCLK,
SSEL,
TCK, TDI,
TMS,
TDO
27
36
39
P2.7
TDO
General-Purpose, Digital, I/O, Type-D Port; External Edge-Selectable Interrupt.
These port pins function as bidirectional I/O pins or as interrupts. All port pins
default to high-impedance mode after a reset. Software must configure these
pins after release from reset to remove the high-impedance input condition. All
interrupt functions must be enabled from software.
32 TQFN
40 TQFN
44 TQFN
PORT
SPECIAL FUNCTION
2
2
P3.0
INT8
4
4
P3.1
INT9
15
15
P3.2
INT10
16
16
P3.3
INT11
27
30
P3.4
INT12
28
31
P3.5
INT13
33
36
P3.6
INT14
2, 4, 15,
16, 27,
28, 33, 34
2, 4, 15,
16, 30,
31, 36,
37
P3.0–
P3.7;
INT8–
INT15
34
37
P3.7
INT15
NO CONNECTION PINS
23
N.C.
No Connection. Reserved for future use. Leave this pin unconnected.


Similar Part No. - MAXQ610X-0000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610X-0000++ MAXIM-MAXQ610X-0000+ Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ610X-0000++ MAXIM-MAXQ610X-0000+ Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610X-0000++ MAXIM-MAXQ610X-0000+ Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
More results

Similar Description - MAXQ610X-0000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ61H MAXIM-MAXQ61H_12 Datasheet
255Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 3; 3/12
MAXQ618 MAXIM-MAXQ618 Datasheet
1Mb / 26P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
   16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
MAXQ610 MAXIM-MAXQ610_10 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ61C MAXIM-MAXQ61C Datasheet
1Mb / 27P
   16-Bit Microcontroller with Infrared Module
Rev 0; 4/10
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com