Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ610X-0000 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXQ610X-0000
Description  16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ610X-0000 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXQ610X-0000 Datasheet HTML 1Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 2Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 3Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 4Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 5Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 6Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 7Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 8Page - Maxim Integrated Products MAXQ610X-0000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
16-Bit Microcontroller with Infrared Module
4
_______________________________________________________________________________________
RECOMMENDED DC OPERATING CONDITIONS
(VDD = VRST to 3.6V, TA = 0°C to +70°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VDD with Respect to GND .......-0.3V to +3.6V
Voltage Range on Any Lead with Respect
to GND except VDD ......................................-0.3V to (VDD + 0.5V)
Continuous Power Dissipation (Multilayer Board, TA = +70°C)
32 TQFN (derate 34.5mW/°C above +70°C) ...........2758.6mW
40 TQFN (derate 35.7mW/°C above +70°C) ..............2963mW
44 TQFN (derate 37mW/°C above +70°C) ..............2758.6mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
VRST
3.6
V
1.8V Internal Regulator
VREG18
1.62
1.8
1.98
V
Power-Fail Warning Voltage for
Supply (Notes 2, 3)
VPFW
Monitors VDD
1.75
1.8
1.85
V
Power-Fail Reset Voltage
(Note 4)
VRST
Monitors VDD
1.64
1.67
1.70
V
Power-On Reset Voltage
VPOR
Monitors VDD
1.0
1.42
V
RAM Data-Retention Voltage
VDRV
(Note 5)
1.0
V
Active Current (Note 6)
IDD_1
Sysclk = 12MHz
3.75
5.1
mA
TA = +25°C
0.2
2.0
IS1
Power-Fail Off
TA = 0°C to +70°C
0.2
12
TA = +25°C
22
29.5
Stop-Mode Current
IS2
Power-Fail On
TA = 0°C to +70°C
27.6
42
μA
Current Consumption During
Power-Fail
IPFR
(Notes 5, 7)
[(3 x IS2) + ((PCI - 3) x
(IS1 + INANO))]/PCI
μA
Power Consumption During
Power-On Reset
IPOR
(Note 8)
100
nA
Stop-Mode Resume Time
tON
375 + 8192tHFXIN
μs
Power-Fail Monitor Startup Time
tPRM_ON
(Note 5)
150
μs
Power-Fail Warning Detection
Time
tPFW
(Notes 5, 9)
10
μs
Input Low Voltage for IRTX,
IRRX, RESET, and All Port Pins
VIL
VGND
0.3 x
VDD
V
Input High Voltage for IRTX,
IRRX, RESET, and All Port Pins
VIH
0.7 x
VDD
VDD
V
Input Hysteresis (Schmitt)
VIHYS
300
mV
Input Low Voltage for HFXIN
VIL_HFXIN
VGND
0.3 x
VDD
V
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - MAXQ610X-0000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610X-0000++ MAXIM-MAXQ610X-0000+ Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ610X-0000++ MAXIM-MAXQ610X-0000+ Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610X-0000++ MAXIM-MAXQ610X-0000+ Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
More results

Similar Description - MAXQ610X-0000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ61H MAXIM-MAXQ61H_12 Datasheet
255Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 3; 3/12
MAXQ618 MAXIM-MAXQ618 Datasheet
1Mb / 26P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
   16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
MAXQ610 MAXIM-MAXQ610_10 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ61C MAXIM-MAXQ61C Datasheet
1Mb / 27P
   16-Bit Microcontroller with Infrared Module
Rev 0; 4/10
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com