Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98308 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX98308
Description  3.3W Mono Class DG Multilevel Audio Amplifier Excellent RF Immunity
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98308 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX98308 Datasheet HTML 1Page - Maxim Integrated Products MAX98308 Datasheet HTML 2Page - Maxim Integrated Products MAX98308 Datasheet HTML 3Page - Maxim Integrated Products MAX98308 Datasheet HTML 4Page - Maxim Integrated Products MAX98308 Datasheet HTML 5Page - Maxim Integrated Products MAX98308 Datasheet HTML 6Page - Maxim Integrated Products MAX98308 Datasheet HTML 7Page - Maxim Integrated Products MAX98308 Datasheet HTML 8Page - Maxim Integrated Products MAX98308 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX98307/MAX98308
3.3W Mono Class DG Multilevel Audio Amplifier
MAX98307 Typical Application Circuit
MAX98308 Typical Application Circuit
PVDD
GND
FB-
FB+
20kI
20kI
10kI
0.33µF
0.33µF 10kI
12
1
7
13
3
14
16
15
4
5
8
6
2
11
10
9
*SYSTEM BULK CAPACITOR
IN-
IN+
SHDN
SVSS
PVSS
PGND
C1P
C1N
OUT+
OUT-
N.C.
VCC
10µF*
10µF
4.7µF
0.1µF
2.6V TO 5.25
CHARGE PUMP
CLASS DG
AMPLIFIER
MAX98307
0.1µF
PVDD
GND
GAIN B3
0.33µF
0.33µF
B2
A3
C1
A1
B1
A4
B4
C4
A2
C3
C2
*SYSTEM BULK CAPACITOR
IN-
IN+
SHDN
PVSS
PGND
C1P
C1N
OUT+
OUT-
10µF*
10µF
4.7µF
0.1µF
2.6V TO 5.25
CHARGE PUMP
CLASS DG
AMPLIFIER
MAX98308


Similar Part No. - MAX98308

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98308 MAXIM-MAX98308 Datasheet
3Mb / 21P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 2; 9/11
MAX98308 MAXIM-MAX98308 Datasheet
3Mb / 21P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 4; 3/12
MAX98308 MAXIM-MAX98308 Datasheet
1Mb / 19P
   3.3W Mono Class DG Multilevel Audio Amplifier
2020
MAX98308EWC++ MAXIM-MAX98308EWC+ Datasheet
3Mb / 20P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 1; 8/11
MAX98308EWC++ MAXIM-MAX98308EWC+ Datasheet
3Mb / 21P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 4; 3/12
More results

Similar Description - MAX98308

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98307 MAXIM-MAX98307_12 Datasheet
3Mb / 21P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 4; 3/12
MAX98307_1108 MAXIM-MAX98307_1108 Datasheet
3Mb / 20P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 1; 8/11
MAX98307_1109 MAXIM-MAX98307_1109 Datasheet
3Mb / 21P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 2; 9/11
MAX98307 MAXIM-MAX98307_V01 Datasheet
1Mb / 19P
   3.3W Mono Class DG Multilevel Audio Amplifier
2020
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Lyontek Inc.
LY8261 LYONTEK-LY8261_12 Datasheet
880Kb / 18P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com