Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C61157-A7-A67 Datasheet(PDF) 2 Page - EPCOS

Part # C61157-A7-A67
Description  SAW RF filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C61157-A7-A67 Datasheet(HTML) 2 Page - EPCOS

  C61157-A7-A67 Datasheet HTML 1Page - EPCOS C61157-A7-A67 Datasheet HTML 2Page - EPCOS C61157-A7-A67 Datasheet HTML 3Page - EPCOS C61157-A7-A67 Datasheet HTML 4Page - EPCOS C61157-A7-A67 Datasheet HTML 5Page - EPCOS C61157-A7-A67 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
March 11, 2011
B3712
312.20 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Application
s
Low-loss RF filter for remote control application
s
No matching network required for operation at 50
Features
s
Package size 3.0 x 3.0 x 1.1 mm3
s
Package code DCC6C
s
RoHS compatible
s
Approximate weight 0.037 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Lead free soldering compatible with J - STD20C
s
Passivation layer Elpas
s
AEC-Q200 qualified component family
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
2
Input
s
5
Output
s
1,3,4,6 Ground (case)


Similar Part No. - C61157-A7-A67

ManufacturerPart #DatasheetDescription
logo
EPCOS
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
95Kb / 6P
   Low-Loss Filter for Mobile Communication
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
72Kb / 6P
   Low Loss Filter
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
66Kb / 8P
   SAW RF low loss filter Digital radio
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
56Kb / 7P
   SAW RF low loss filter DAB
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
60Kb / 7P
   SAW filter Short range devices
More results

Similar Description - C61157-A7-A67

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39871B3440U410 TDK-B39871B3440U410 Datasheet
139Kb / 8P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-110.592-560-7050-TR RALTRON-RSF-110.592-560-7050-TR Datasheet
293Kb / 3P
   RF SAW FILTER
RSF-110.592-280-7050-TR RALTRON-RSF-110.592-280-7050-TR Datasheet
220Kb / 3P
   RF SAW FILTER
logo
TDK Electronics
B39921B4301F210 TDK-B39921B4301F210 Datasheet
84Kb / 6P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-164.175-122-7050-TR RALTRON-RSF-164.175-122-7050-TR Datasheet
302Kb / 3P
   RF SAW FILTER
RSF-140.000-20400 RALTRON-RSF-140.000-20400 Datasheet
234Kb / 3P
   RF SAW FILTER
RSF-138.240-20000-7050-TR RALTRON-RSF-138.240-20000-7050-TR Datasheet
282Kb / 6P
   RF SAW FILTER
RSF-110.592-1152-5070-TR RALTRON-RSF-110.592-1152-5070-TR Datasheet
280Kb / 3P
   RF SAW FILTER
logo
TDK Electronics
B39931B3926U410 TDK-B39931B3926U410 Datasheet
128Kb / 8P
   SAW RF filter
B39192B5104U410 TDK-B39192B5104U410 Datasheet
129Kb / 8P
   SAW RF filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com