Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C61157-A7-A67 Datasheet(PDF) 4 Page - EPCOS

Part # C61157-A7-A67
Description  SAW filter Short range devices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C61157-A7-A67 Datasheet(HTML) 4 Page - EPCOS

  C61157-A7-A67 Datasheet HTML 1Page - EPCOS C61157-A7-A67 Datasheet HTML 2Page - EPCOS C61157-A7-A67 Datasheet HTML 3Page - EPCOS C61157-A7-A67 Datasheet HTML 4Page - EPCOS C61157-A7-A67 Datasheet HTML 5Page - EPCOS C61157-A7-A67 Datasheet HTML 6Page - EPCOS C61157-A7-A67 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
July 21, 2010
B3713
313.85 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Characteristics
Temperature range for specification:
T
= –30 ˚C to+110 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
313.85
MHz
Maximum insertion attenuation
α
max
313.55 ...
314.15 MHz
1.7
3.5
dB
Amplitude ripple
313.55 ...
314.15 MHz
0.4
2.2
dB
Relative attenuation (relative to
α
max)
α
rel
270.00 ...
286.00 MHz
55
60
dB
291.85 ...
292.75 MHz
53
58
dB
302.85 ...
303.45 MHz
48
53
dB
324.25 ...
324.85 MHz
28
35
dB
334.95 ...
335.85 MHz
50
55
dB
356.35 ...
357.55 MHz
50
55
dB
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
0
V
Source power
PS
10
dBm
source impedance 50


Similar Part No. - C61157-A7-A67

ManufacturerPart #DatasheetDescription
logo
EPCOS
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
95Kb / 6P
   Low-Loss Filter for Mobile Communication
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
72Kb / 6P
   Low Loss Filter
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
66Kb / 8P
   SAW RF low loss filter Digital radio
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
56Kb / 7P
   SAW RF low loss filter DAB
C61157-A7-A67 EPCOS-C61157-A7-A67 Datasheet
51Kb / 6P
   SAW RF filter
More results

Similar Description - C61157-A7-A67

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3782 EPCOS-B3782_1 Datasheet
88Kb / 9P
   SAW filter Short range devices
B3783 EPCOS-B3783_1 Datasheet
91Kb / 10P
   SAW filter Short range devices
B3715 EPCOS-B3715_1 Datasheet
57Kb / 7P
   SAW filter Short range devices
B3932 EPCOS-B3932 Datasheet
87Kb / 10P
   SAW filter Short range devices
B3776 EPCOS-B3776 Datasheet
92Kb / 11P
   SAW filter Short range devices
B3737 EPCOS-B3737 Datasheet
105Kb / 11P
   SAW filter Short range devices
B3739 EPCOS-B3739 Datasheet
93Kb / 11P
   SAW filter Short range devices
B3713 EPCOS-B3713_1 Datasheet
54Kb / 6P
   SAW filter Short range devices
B3792 EPCOS-B3792 Datasheet
75Kb / 9P
   SAW filter Short range devices
B3722 EPCOS-B3722 Datasheet
62Kb / 7P
   SAW filter Short range devices
B3738 EPCOS-B3738 Datasheet
89Kb / 10P
   SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com