Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4235 Datasheet(PDF) 4 Page - EPCOS

Part # B4235
Description  SAW RF filter Automotive telematics
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4235 Datasheet(HTML) 4 Page - EPCOS

  B4235_11 Datasheet HTML 1Page - EPCOS B4235_11 Datasheet HTML 2Page - EPCOS B4235_11 Datasheet HTML 3Page - EPCOS B4235_11 Datasheet HTML 4Page - EPCOS B4235_11 Datasheet HTML 5Page - EPCOS B4235_11 Datasheet HTML 6Page - EPCOS B4235_11 Datasheet HTML 7Page - EPCOS B4235_11 Datasheet HTML 8Page - EPCOS B4235_11 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
February 25, 2011
B4235
942.5/1842.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics Filter 1 (GSM900)
Temperature range for specification:
T
= –20 ˚C to +75 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω (balanced) || 68 nH
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
942.50
MHz
Maximum insertion attenuation
α
max
925.00 ...
960.00 MHz
1.8
2.5
dB
Amplitude ripple (p-p)
∆α
925.00 ...
960.00 MHz
0.9
1.5
dB
Input VSWR
925.00 ...
960.00 MHz
1.9
2.1
Output VSWR
925.00 ...
960.00 MHz
1.9
2.1
Output amplitude balance
(|S31/S21|)
925.00 ...
960.00 MHz
–2.5
2.5
dB
Output phase balance
(φ(S31)−φ(S21)+180˚)
925.00 ...
960.00 MHz
–12.0
12.0
degree
Attenuation
α
10.00 ...
480.00 MHz
45
50
dB
480.00 ...
880.00 MHz
30
38
dB
880.00 ...
905.00 MHz
24
27
dB
905.00 ...
915.00 MHz
11
18
dB
980.00 ... 1050.00 MHz
23
30
dB
1050.00 ... 3500.00 MHz
30
34
dB
3500.00 ... 4500.00 MHz
22
26
dB
4500.00 ... 6000.00 MHz
15
17
dB


Similar Part No. - B4235_11

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4235 EPCOS-B4235_1 Datasheet
118Kb / 11P
   Automotive telematics
More results

Similar Description - B4235_11

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3514 EPCOS-B3514 Datasheet
107Kb / 9P
   SAW RF filter Automotive telematics
B4234 EPCOS-B4234_11 Datasheet
128Kb / 10P
   SAW RF filter Automotive telematics
B3517 EPCOS-B3517 Datasheet
79Kb / 8P
   SAW RF filter Automotive telematics
B3908 EPCOS-B3908 Datasheet
65Kb / 6P
   SAW RF filter Automotive telematics
B4309 EPCOS-B4309 Datasheet
113Kb / 8P
   SAW RF filter Automotive telematics
B3524 EPCOS-B3524_11 Datasheet
95Kb / 8P
   SAW filter Automotive telematics
B3912 EPCOS-B3912 Datasheet
72Kb / 8P
   SAW filter Automotive telematics
B4305 EPCOS-B4305 Datasheet
107Kb / 8P
   SAW Rx filter Automotive telematics
B4304 EPCOS-B4304 Datasheet
101Kb / 8P
   SAW Rx filter Automotive telematics
B4307 EPCOS-B4307 Datasheet
73Kb / 7P
   SAW Tx filter Automotive Telematics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com