Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4301 Datasheet(PDF) 2 Page - EPCOS

Part # B4301
Description  SAW RF filter Short range devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4301 Datasheet(HTML) 2 Page - EPCOS

  B4301 Datasheet HTML 1Page - EPCOS B4301 Datasheet HTML 2Page - EPCOS B4301 Datasheet HTML 3Page - EPCOS B4301 Datasheet HTML 4Page - EPCOS B4301 Datasheet HTML 5Page - EPCOS B4301 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
December 01, 2010
B4301
915.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Application
s
Low-loss RF filter for remote control receivers
s
No matching network required for operation at 50
Features
s
Package size 1.4 x 1.1 x 0.4 mm3
s
Package code QCS5P
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
AEC-Q200 qualified component family (operable
temperature range –40˚C to +85˚C)
s
Electrostatic Sensitive Device (ESD)
5
4
3
2
0.25
0.5
0.5
1.4
bottom view
side view
top view
Pin configuration
s
1
Input
s
4
Output
s
2,3,5
to be grounded


Similar Part No. - B4301

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B430 EDAL-B430 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-10-1 EDAL-B430-10-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-100-1 EDAL-B430-100-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-120-1 EDAL-B430-120-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-20-1 EDAL-B430-20-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
More results

Similar Description - B4301

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3905 EPCOS-B3905 Datasheet
73Kb / 7P
   SAW RF filter Short range devices
B3725 EPCOS-B3725 Datasheet
77Kb / 8P
   SAW RF filter Short range devices
B3728 EPCOS-B3728 Datasheet
69Kb / 8P
   SAW RF filter Short range devices
B3729 EPCOS-B3729 Datasheet
70Kb / 8P
   SAW RF filter Short range devices
B3730 EPCOS-B3730_1 Datasheet
94Kb / 11P
   SAW RF filter Short range devices
B3575 EPCOS-B3575_1 Datasheet
72Kb / 8P
   SAW RF filter Short range devices
B3576 EPCOS-B3576_1 Datasheet
83Kb / 8P
   SAW RF filter Short range devices
B3903 EPCOS-B3903 Datasheet
63Kb / 7P
   SAW RF filter Short range devices
B3907 EPCOS-B3907 Datasheet
71Kb / 7P
   SAW RF filter Short Range Devices
B3588 EPCOS-B3588_1 Datasheet
60Kb / 7P
   SAW RF filter Short range devices
B3726 EPCOS-B3726 Datasheet
64Kb / 7P
   SAW RF filter Short range devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com