Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4305 Datasheet(PDF) 2 Page - EPCOS

Part # B4305
Description  SAW Rx filter Automotive telematics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4305 Datasheet(HTML) 2 Page - EPCOS

  B4305 Datasheet HTML 1Page - EPCOS B4305 Datasheet HTML 2Page - EPCOS B4305 Datasheet HTML 3Page - EPCOS B4305 Datasheet HTML 4Page - EPCOS B4305 Datasheet HTML 5Page - EPCOS B4305 Datasheet HTML 6Page - EPCOS B4305 Datasheet HTML 7Page - EPCOS B4305 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
April 5, 2011
B4305
1960.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx filter
Data sheet
Application
s
Low-loss RF filter for mobile telephone
PCS systems, receive path (RX)
s
Impedance transform from 50
Ω to 150 Ω
s
Unbalanced to balanced operation
s
Very low insertion attenuation
s
Low amplitude ripple
s
Usable passband 60 MHz
s
Suitable for GPRS class 1 to 12
Features
s
Package size 1.4 x1.1 x 0.4 mm3
s
Package code QCS5M
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
AEC-Q200 qualified component family (operable
temperature range –40˚C to +85˚C)
s
Electrostatic Sensitive Device (ESD)
5
4
3
2
0.25
0.5
0.5
1.4
bottom view
side view
top view
Pin configuration
s
1
Input, unbalanced
s
3,4
Output, balanced
s
2,5
To be grounded
1
4
3
2,5


Similar Part No. - B4305

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B430 EDAL-B430 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-10-1 EDAL-B430-10-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-100-1 EDAL-B430-100-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-120-1 EDAL-B430-120-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-20-1 EDAL-B430-20-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
More results

Similar Description - B4305

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4304 EPCOS-B4304 Datasheet
101Kb / 8P
   SAW Rx filter Automotive telematics
B4306 EPCOS-B4306 Datasheet
99Kb / 8P
   SAW Rx filter Automotive telematics
B3524 EPCOS-B3524_11 Datasheet
95Kb / 8P
   SAW filter Automotive telematics
B3912 EPCOS-B3912 Datasheet
72Kb / 8P
   SAW filter Automotive telematics
B3514 EPCOS-B3514 Datasheet
107Kb / 9P
   SAW RF filter Automotive telematics
B4234 EPCOS-B4234_11 Datasheet
128Kb / 10P
   SAW RF filter Automotive telematics
B4307 EPCOS-B4307 Datasheet
73Kb / 7P
   SAW Tx filter Automotive Telematics
B3517 EPCOS-B3517 Datasheet
79Kb / 8P
   SAW RF filter Automotive telematics
B3908 EPCOS-B3908 Datasheet
65Kb / 6P
   SAW RF filter Automotive telematics
B4235 EPCOS-B4235_11 Datasheet
122Kb / 11P
   SAW RF filter Automotive telematics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com