Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16974 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16974
Description  High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16974 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16974 Datasheet HTML 6Page - Maxim Integrated Products MAX16974 Datasheet HTML 7Page - Maxim Integrated Products MAX16974 Datasheet HTML 8Page - Maxim Integrated Products MAX16974 Datasheet HTML 9Page - Maxim Integrated Products MAX16974 Datasheet HTML 10Page - Maxim Integrated Products MAX16974 Datasheet HTML 11Page - Maxim Integrated Products MAX16974 Datasheet HTML 12Page - Maxim Integrated Products MAX16974 Datasheet HTML 13Page - Maxim Integrated Products MAX16974 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
High-Voltage, 2.2MHz, 2A Automotive Step-
Down Converter with Low Operating Current
10_ _ ______________________________________________________________________________________
Detailed Description
The MAX16974 is a constant-frequency, current-mode,
automotive buck converter with an integrated high-side
switch. The device operates with 3.5V to 28V input volt-
ages and tolerates input transients up to 42V. During
undervoltage events, such as cold-crank conditions, the
internal pass device maintains up to 92% duty cycle.
An open-drain, active-low reset output helps monitor the
output voltage. The device offers an adjustable reset
threshold that helps keep microcontrollers alive down
to their lowest specified input voltage. A capacitor pro-
grammable reset timeout ensures proper startup.
The switching frequency is resistor programmable from
220kHz to 2.2MHz to allow optimization for efficiency,
noise, and board space. A clock input, FSYNC, allows
the device to synchronize to an external clock.
During light-load conditions, the device enters skip
mode that reduces the quiescent current down to 35FA.
The 5V fixed output voltage option eliminates the need
for external resistors and reduces the supply current by
up to 50FA. See Figure 2 for the internal block diagram.
Supply Voltage Range (SUP)
The device’s supply voltage range (VSUP) is compatible
with the typical 3.5V to 28V automotive battery voltage
range and can tolerate transients up to 42V.
Figure 2. Internal Block Diagram
10µA
COMP
COMP
GND
B.G.
REF
SOFT-
START
UVLO
MUX
LDO
STANDBY
SUPPLY
REF
EA
LOGIC FOR
DROPOUT
RES
VBIAS
FB
RESETI
CRES
PWM
COMP
LEVEL
SHIFT
ILIM
LOGIC
EN
OSC
SUM
ISENSE
FSYNC
FOSC
BIAS
SUP
OUT
COMP
DRV
LX
BST
SUPSW
MAX16974


Similar Part No. - MAX16974

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16974 MAXIM-MAX16974 Datasheet
724Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/10
MAX16974 MAXIM-MAX16974 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16974AUE/V++ MAXIM-MAX16974AUE/V+ Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16974EVKIT MAXIM-MAX16974EVKIT Datasheet
724Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/10
MAX16974EVKIT++ MAXIM-MAX16974EVKIT+ Datasheet
724Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/10
More results

Similar Description - MAX16974

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16974 MAXIM-MAX16974_V01 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16975 MAXIM-MAX16975 Datasheet
2Mb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16976 MAXIM-MAX16976 Datasheet
2Mb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16976 MAXIM-MAX16976_V01 Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
MAX16975 MAXIM-MAX16975_V01 Datasheet
789Kb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com