Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16974AUE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16974AUE
Description  High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16974AUE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16974AUE Datasheet HTML 1Page - Maxim Integrated Products MAX16974AUE Datasheet HTML 2Page - Maxim Integrated Products MAX16974AUE Datasheet HTML 3Page - Maxim Integrated Products MAX16974AUE Datasheet HTML 4Page - Maxim Integrated Products MAX16974AUE Datasheet HTML 5Page - Maxim Integrated Products MAX16974AUE Datasheet HTML 6Page - Maxim Integrated Products MAX16974AUE Datasheet HTML 7Page - Maxim Integrated Products MAX16974AUE Datasheet HTML 8Page - Maxim Integrated Products MAX16974AUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
High-Voltage, 2.2MHz, 2A Automotive Step-
Down Converter with Low Operating Current
________________________________________________________________________________________ _ 5
Typical Operating Characteristics (continued)
(VSUP = VSUPSW = 14V, VOUT = 5V, FSYNC = GND, fOSC = 400kHz, TA = +25NC, unless otherwise noted. See Figure 1.)
LOAD TRANSIENT
MAX16974 toc06
0V
1A/div
200mV/div
0A
VOUT
ILOAD
SF = 400kHz
VOUT AC-
COUPLED
UNDERVOLTAGE PULSE
MAX16974 toc07
0V
0V
5V/div
5V/div
5V/div
0V
VSUP
VOUT
20ms/div
VRES
SF = 2.2MHz
RESET TIMEOUT PERIOD vs. CRES
CRES (µF)
0.9
0.8
0.6 0.7
0.2 0.3 0.4 0.5
0.1
10
20
30
40
50
60
70
80
90
100
0
0
1.0
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5 20 35 50
-25
410
420
430
440
450
460
470
480
490
500
400
-40
125
VOUT = 5V
LOAD DUMP TEST (5V/2.2MHz)
MAX16974 toc10
0
0
20V/div
5V/div
5V/div
0
VSUP
VOUT
100ms/div
VRES
SHORT-CIRCUIT RESPONSE
MAX16974 toc11
0A
0V
5A/div
5V/div
5V/div
0V
ILX
VOUT
2ms/div
2.2MHz
VRES


Similar Part No. - MAX16974AUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16974AUE/V++ MAXIM-MAX16974AUE/V+ Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
More results

Similar Description - MAX16974AUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16974 MAXIM-MAX16974_V01 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16975 MAXIM-MAX16975 Datasheet
2Mb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16976 MAXIM-MAX16976 Datasheet
2Mb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16976 MAXIM-MAX16976_V01 Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
MAX16975 MAXIM-MAX16975_V01 Datasheet
789Kb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com