Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16929AGUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16929AGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929AGUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16929AGUI Datasheet HTML 1Page - Maxim Integrated Products MAX16929AGUI Datasheet HTML 2Page - Maxim Integrated Products MAX16929AGUI Datasheet HTML 3Page - Maxim Integrated Products MAX16929AGUI Datasheet HTML 4Page - Maxim Integrated Products MAX16929AGUI Datasheet HTML 5Page - Maxim Integrated Products MAX16929AGUI Datasheet HTML 6Page - Maxim Integrated Products MAX16929AGUI Datasheet HTML 7Page - Maxim Integrated Products MAX16929AGUI Datasheet HTML 8Page - Maxim Integrated Products MAX16929AGUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
ELECTRICAL CHARACTERISTICS (continued)
(VINB = 12V, VINA = 5V, VGND = VPGNDP = 0V, TA = TJ = -40NC to +105NC, typical values are at TA = +25NC, unless otherwise noted.)
(Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Soft-Start Ramp Time
3.9
ms
Maximum Duty Cycle
Continuous mode
80
%
Minimum Duty Cycle
Continuous mode
20
%
Maximum Duty Cycle in Dropout
Dropout
95
%
Thermal Shutdown Temperature
+175
N
C
Thermal Shutdown Hysteresis
15
N
C
POWER GOOD (PGOOD)
PGOOD Threshold
Rising
94
%
Falling
90
92
95
PGOOD Debounce Time
13
F
s
Output High-Leakage Current
0.2
F
A
Output Low Level
0.4
V
LOGIC LEVELS
ENB Threshold
ENB rising
1.4
1.8
2.2
V
ENB Hysteresis
0.2
V
ENB Input Current
3
5
9
F
A
BOOST, POSITIVE (GH), NEGATIVE (GL), 1.8V/3.3V CONVERTERS
INA Input Supply Range
VINA
3
5.5
V
INA Supply Current
IINA
VFBP = VFBGH = 1.3V, VFBGL = 0V,
LXP not switching
1.5
2.0
mA
INA Undervoltage Lockout
Threshold
VINA,UVLO
VINA rising, hysteresis = 200mV,
TA = +25NC
2.5
2.7
2.9
V
INA Shutdown Current
ISHDN
VENP = 0V, TA = +25NC
0.5
F
A
Thermal Shutdown Temperature
TSHDN
Temperature rising
+165
N
C
Thermal Shutdown Hysteresis
TH
15
N
C
Duration to Trigger Fault Condition
VFBP, VFBGH, or VFBGL below its thresh-
old
238
ms
Autoretry Time
1.9
s
REFERENCE (REF)
REF Output Voltage
VREF
No output current
1.236
1.25
1.264
V
REF Load Regulation
0 < IREF < 80FA, REF sourcing
-2
+2
%
REF Undervoltage Lockout
Threshold
Rising edge, hysteresis = 200mV
1.165
V
OSCILLATOR
Internal Oscillator Frequency
fOSC
TA = +25NC
3.96
4.40
4.84
MHz
Spread-Spectrum Modulation
Frequency
fSS
fOSC/2
MHz


Similar Part No. - MAX16929AGUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16929 MAXIM-MAX16929 Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
   4.5V to 28V Input Range
Rev 0; 4/11
MAX16929EVKIT# MAXIM-MAX16929EVKIT# Datasheet
1Mb / 9P
   4.5V to 28V Input Range
Rev 0; 4/11
MAX16929 MAXIM-MAX16929_12 Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
More results

Similar Description - MAX16929AGUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16928 MAXIM-MAX16928_12 Datasheet
2Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 1; 1/12
MAX16928 MAXIM-MAX16928 Datasheet
2Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 7/11
MAX16929 MAXIM-MAX16929_12 Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
MAX16928 MAXIM-MAX16928_V01 Datasheet
1Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
2013
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
   Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
logo
Rohm
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
   TFT-LCD Bias Boost Converter
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
   Automotive Grade TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com