Electronic Components Datasheet Search |
|
MAX17710GT Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
MAX17710GT Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 17 page MAX17710 Energy-Harvesting Charger and Protector ����������������������������������������������������������������� Maxim Integrated Products 1 Simplified Operating Circuit 19-5872; Rev 0; 6/11 Ordering Information appears at end of data sheet. For related parts and recommended products to use with this part, refer to: www.maxim-ic.com/MAX17710.related General Description The MAX17710 is a complete system for charging and protecting micropower-storage cells such as Infinite Power Solution’s THINERGY® microenergy cells (MECs). The IC can manage poorly regulated sources such as energy- harvesting devices with output levels ranging from 1FW to 100mW. The device also includes a boost regulator circuit for charging the cell from a source as low as 0.75V (typ). An internal regulator protects the cell from overcharging. Output voltages supplied to the target applications are regulated using a low-dropout (LDO) linear regulator with selectable voltages of 3.3V, 2.3V, or 1.8V. The output regu- lator operates in a selectable low-power or ultra-low-power mode to minimize drain of the cell. Internal voltage protec- tion prevents the cell from overdischarging. The device is available in an ultra-thin, 3mm x 3mm x 0.5mm 12-pin UTDFN package. Applications Features S Integrated Power-Management IC for Energy Storage and Load Management S Lithium Charger 1nA Standby IQBATT 625nA Linear Charging 1µW Boost Charging S Lithium Cell Undervoltage Protection S Charger Overvoltage Shunt Protection S 1.8V, 2.3V, or 3.3V LDO (150nA IQBATT) S Lithium Cell Output Buffering S Ultra-Thin, 3mm x 3mm x 0.5mm UTDFN Package Powered/Smart Cards Remote Wireless Sensors Memory and Real-Time Clock Backup Semiactive RFID Tags Medical Devices High-Temperature Applications Military/DoD and Aerospace Toys THINERGY is a registered trademark of Infinite Power Solutions, Inc. E V A L U A T I O N K I T A V A I L A B L E LX FB GND EP PGND SEL1 CHG SEL2 BATT TEG, SOLAR, OR OTHER LOW-VOLTAGE SOURCE RF OR OTHER HIGH-VOLTAGE SOURCE THINERGY MEC101 PCKP REG AE LCE LDO CONTROL SIGNALS UNREGULATED OUTPUT REGULATED OUTPUT MAX17710 For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. |
Similar Part No. - MAX17710GT |
|
Similar Description - MAX17710GT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |