Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15118 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15118
Description  High-Efficiency, 18A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15118 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15118 Datasheet HTML 7Page - Maxim Integrated Products MAX15118 Datasheet HTML 8Page - Maxim Integrated Products MAX15118 Datasheet HTML 9Page - Maxim Integrated Products MAX15118 Datasheet HTML 10Page - Maxim Integrated Products MAX15118 Datasheet HTML 11Page - Maxim Integrated Products MAX15118 Datasheet HTML 12Page - Maxim Integrated Products MAX15118 Datasheet HTML 13Page - Maxim Integrated Products MAX15118 Datasheet HTML 14Page - Maxim Integrated Products MAX15118 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
���������������������������������������������������������������� Maxim Integrated Products  11
MAX15118
High-Efficiency, 18A, Current-Mode Synchronous
Step-Down Regulator with Integrated Switches
Functional Diagram
SKPM
SOURCE
SINK
ZX
IN
SS/REFIN
0.6V
SKPM
EN
AIN
SKIP
FB
GSNS
0.58V
COMP
LX
LX
PGOOD
CK
BST
LX
IN
GND
CK
IN
BIAS
GENERATOR
VOLTAGE
REFERENCE
EN LOGIC,
IN UVLO, THERMAL
SHDN
SKIP MODE
LOGIC
C
CURRENT-SENSE
AMPLIFIER
SS/REFIN BUFFER
PREBIAS
ABOVE
FORCED
PWM
START
10µA
ERROR
AMPLIFIER
gM
AV = 1
555mV, RISING
530mV, FALLING
OSCILLATOR
RAMP
GENERATOR
LOW-SIDE SOURCE-SINK
CURRENT-LIMIT AND ZERO-
CROSSING COMPARATOR
PWM
COMPARATOR
CONTROL
LOGIC
HIGH-SIDE
CURRENT LIMIT
COMPENSATION
RAMP
MAX15118


Similar Part No. - MAX15118

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15118 MAXIM-MAX15118 Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
2012
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
2012
More results

Similar Description - MAX15118

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15112 MAXIM-MAX15112 Datasheet
3Mb / 23P
   High-Efficiency, 12A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
Rev 0; 6/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com