Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15109 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15109
Description  High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15109 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15109 Datasheet HTML 7Page - Maxim Integrated Products MAX15109 Datasheet HTML 8Page - Maxim Integrated Products MAX15109 Datasheet HTML 9Page - Maxim Integrated Products MAX15109 Datasheet HTML 10Page - Maxim Integrated Products MAX15109 Datasheet HTML 11Page - Maxim Integrated Products MAX15109 Datasheet HTML 12Page - Maxim Integrated Products MAX15109 Datasheet HTML 13Page - Maxim Integrated Products MAX15109 Datasheet HTML 14Page - Maxim Integrated Products MAX15109 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
High-Efficiency, 8A, Current-Mode Synchronous
Step-Down Switching Regulator with VID Control
______________________________________________________________________________________ 11
Programmable Soft-Start (SS)
The IC utilizes a soft-start feature to slowly ramp up the
regulated output voltage to reduce input inrush current
during startup. Connect a capacitor from SS to PGND to
set the startup time. See the Output Voltage Transition
Timing section for capacitor selection details.
Error Amplifier
A high-gain error amplifier provides accuracy for the
voltage feedback loop regulation. Connect a compen-
sation network between COMP and SGND. See the
Compensation Design Guidelines section. The error
amplifier transconductance is 1.4mS. COMP clamp low
is set to 0.8V, just below the PWM ramp compensation
valley, helping COMP to rapidly return to the correct set
point during load and line transients.
PWM Comparator
The PWM comparator compares COMP voltage to the
current-derived ramp waveform (LX current to COMP
voltage transconductance value is 25A/V). To avoid
instability due to subharmonic oscillations when the duty
cycle is around 50% or higher, a compensation ramp
is added to the current-derived ramp waveform. The
compensation ramp slope (0.3V x 1MHz = 0.3V/Fs) is
equivalent to half of the inductor current down-slope in
the worst case (load 2A, current ripple 30% and maxi-
mum duty-cycle operation of 95%). The compensation
ramp valley is set to 1V.
Overcurrent Protection and Hiccup
When the converter output is connected to ground or the
device is overloaded, each high-side MOSFET current-
limit event (14A) turns off the high-side MOSFET and
turns on the low-side MOSFET. A 3-bit counter incre-
ments on each current-limit event. The counter is reset
after three consecutive events of high-side MOSFET
turn-on without reaching the current limit. If the current-
limit condition persists, the counter fills up reaching eight
events. The control logic then discharges SS, stops both
high-side and low-side MOSFETs and waits for a hiccup
period (1024 clock cycles) before attempting a new soft-
start sequence. The hiccup-mode also operates during
soft-start.
Thermal Shutdown Protection
The IC contains an internal thermal sensor that limits the
total power dissipation to protect it in the event of an
extended thermal fault condition. When the die tempera-
ture exceeds +160NC, the thermal sensor shuts down
the device, turning off the DC-DC converter to allow the
die to cool. After the die temperature falls by 25NC, the
device restarts, following the soft-start sequence.
Skip Mode Operation
The IC operates in skip mode. When in skip mode, LX
output becomes high impedance when the inductor
current falls below 0.7A. The inductor current does not
become negative. During a clock cycle, if the inductor
current falls below the 0.7A threshold (during off-time),
the low side turns off. At the next clock cycle, if the
output voltage is above the set point the PWM logic
keeps both high-side and low-side MOSFETs off. If
instead the output voltage is below the set point, the
PWM logic drives the high-side on for a minimum fixed
on-time (330ns). In this way, the system skips cycles,
reducing the frequency of operations, and switches only
as needed to service load at the cost of an increase in
output-voltage ripple. See the Skip Mode Frequency
and Output Ripple section for details. In skip mode,
power dissipation is reduced and efficiency improved at
light loads because the internal power MOSFETs do not
switch at every clock cycle.


Similar Part No. - MAX15109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15109 MAXIM-MAX15109 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
MAX15109EWP++ MAXIM-MAX15109EWP+ Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
MAX15109 MAXIM-MAX15109_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
More results

Similar Description - MAX15109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15109 MAXIM-MAX15109_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com