Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15058 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15058
Description  High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15058 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15058_11 Datasheet HTML 1Page - Maxim Integrated Products MAX15058_11 Datasheet HTML 2Page - Maxim Integrated Products MAX15058_11 Datasheet HTML 3Page - Maxim Integrated Products MAX15058_11 Datasheet HTML 4Page - Maxim Integrated Products MAX15058_11 Datasheet HTML 5Page - Maxim Integrated Products MAX15058_11 Datasheet HTML 6Page - Maxim Integrated Products MAX15058_11 Datasheet HTML 7Page - Maxim Integrated Products MAX15058_11 Datasheet HTML 8Page - Maxim Integrated Products MAX15058_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
High-Efficiency, 3A, Current-Mode
Synchronous, Step-Down Switching Regulator
General Description
The MAX15058 high-efficiency, current-mode, synchro-
nous step-down switching regulator with integrated
power switches delivers up to 3A of output current.
The device operates from 2.7V to 5.5V and provides an
output voltage from 0.6V up to 94% of the input voltage,
making the device ideal for distributed power systems,
portable devices, and preregulation applications.
The MAX15058 utilizes a current-mode control archi-
tecture with a high-gain transconductance error ampli-
fier. The current-mode control architecture facilitates
easy compensation design and ensures cycle-by-cycle
current limit with fast response to line and load transients.
The MAX15058 offers selectable skip-mode functional-
ity to reduce current consumption and achieve a higher
efficiency at light output load. The low RDS(ON) inte-
grated switches ensure high efficiency at heavy loads
while minimizing critical inductances, making the layout
design a much simpler task with respect to discrete
solutions. Utilizing a simple layout and footprint assures
first-pass success in new designs.
The MAX15058 features a 1MHz, factory-trimmed, fixed-
frequency PWM mode operation. The high switching fre-
quency, along with the PWM current-mode architecture,
allows for a compact, all-ceramic capacitor design.
The MAX15058 offers a capacitor-programmable soft-
start reducing inrush current, startup into PREBIAS
operations, and a PGOOD open-drain output that can be
used as an interrupt and for power sequencing.
The MAX15058 is available in a 9-bump (3 x 3 array),
1.5mm x 1.5mm WLP package and is specified over the
-40NC to +85NC temperature range.
Applications
Distributed Power Systems
Preregulators for Linear Regulators
Portable Devices
Notebook Power
Server Power
IP Phones
Features
S
Internal 30mI (typ) RDS(ON) High-Side and 18mI
(typ) Low-Side MOSFETs at 5V
S
Continuous 3A Output Current Over Temperature
S
95% Efficiency with 3.3V Output at 3A
S
1% Output Voltage Accuracy Over Load, Line, and
Temperature
S
Operates from 2.7V to 5.5V Supply
S
Cycle-by-Cycle Overcurrent Protection
S
Adjustable Output from 0.6V to Up to 0.94 x VIN
S
Programmable Soft-Start
S
Factory-Trimmed, 1MHz Switching Frequency
S
Stable with Low-ESR Ceramic Output Capacitors
S
Safe-Startup Into Prebiased Output
S
External Reference Input
S
Skip-Mode Functionality
S
Enable Input/Power-Good Output
S
Fully Protected Against Overcurrent and
Overtemperature
S
Input Undervoltage Lockout
19-5478; Rev 2; 7/11
+Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information
Typical Operating Circuit
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX15058EWL+
-40°C to +85°C
9 WLP
IN
LX
OUTPUT
1.8V/3A
INPUT
2.8V TO 5.5V
GND
FB
COMP
PGOOD
EN
SKIP
SS/REFIN
ON
OFF
ENABLE
MAX15058


Similar Part No. - MAX15058_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15058EVKIT MAXIM-MAX15058EVKIT Datasheet
988Kb / 7P
   1MHz Switching Frequency
Rev 0; 12/10
MAX15058EVKIT++ MAXIM-MAX15058EVKIT+ Datasheet
988Kb / 7P
   1MHz Switching Frequency
Rev 0; 12/10
MAX15058EWL MAXIM-MAX15058EWL Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
More results

Similar Description - MAX15058_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
logo
Analog Devices
MAX15106A AD-MAX15106A Datasheet
861Kb / 16P
   High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 3 6/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com