Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16928DGUPV Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16928DGUPV
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16928DGUPV Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16928DGUPV Datasheet HTML 3Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 4Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 5Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 6Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 7Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 8Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 9Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 10Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
����������������������������������������������������������������� Maxim Integrated Products  7
MAX16928
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Pin Configuration
Pin Description
PIN
NAME
FUNCTION
1
ENP
Boost Circuitry and 1.8V/3.3V Regulator Controller Enable Input. ENP has an internal 500kI pulldown
resistor. Drive high for normal operation and drive low to place the device in shutdown.
2
DR
1.8V or 3.3V Regulator Output. DR has a 4.5mA (min) drive capability. For greater output current capa-
bility, use an external npn bipolar transistor whose base is connected to DR.
3
FB
1.8V or 3.3V Regulator Feedback Input. FB is regulated to 1.8V or 3.3V. Connect FB to DR when power-
ing loads demanding less than 4.5mA. For greater output current capability, use an external npn bipo-
lar transistor whose emitter is connected to FB.
4
GATE
External p-Channel FET Gate Drive. GATE is an open-drain driver connected to the gate of the external
input series p-channel FET. Connect a pullup resistor between GATE and INA. During a fault condition,
the gate driver turns off and the pullup resistor turns off the FET.
5
PGNDP
Boost Converter Power Ground
6
LXP
Boost Converter Switching Node. Connect LXP to the inductor and catch diode of the boost converter.
7
INA
Boost Circuitry and 1.8V/3.3V Regulator Controller Power Input. Connect INA to a 3V to 5.5V supply.
8
COMPV
Boost Error Amplifier Compensation Connection. Connect a compensation network between COMPV to
GND.
9
FBP
Boost Converter Feedback Input. FBP is regulated to 1V. Connect FBP to the center of a resistive divid-
er connected between the boost output and GND.
10
N.C.
No Connection. Not internally connected.
11
PGOOD
Open-Drain Power-Good Output. Connect PGOOD to INA through an external pullup resistor.
12
CP
Positive-Gate Voltage Regulator Power Input. Connect CP to the positive output of the external charge
pump. Ensure that VCP does not exceed the CP overvoltage threshold as given in the Electrical
Characteristics table.
+
TOP VIEW
TSSOP
17
4
FBGH
GATE
18
3
FBGL
FB
19
2
REF
DR
20
1
SEQ
ENP
14
7
DRVN
INA
15
6
GND
LXP
13
8
GH
COMPV
12
9
CP
FBP
11
10
PGOOD
N.C.
16
5
COMPI
PGNDP
EP
MAX16928


Similar Part No. - MAX16928DGUPV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16928DGUP/V++ MAXIM-MAX16928DGUP/V+ Datasheet
1Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
2013
More results

Similar Description - MAX16928DGUPV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16928 MAXIM-MAX16928_12 Datasheet
2Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 1; 1/12
MAX16929 MAXIM-MAX16929 Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 5/11
MAX16929 MAXIM-MAX16929_12 Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
MAX16928 MAXIM-MAX16928_V01 Datasheet
1Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
2013
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
   Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
logo
Rohm
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
   TFT-LCD Bias Boost Converter
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
   Automotive Grade TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com