Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16928DGUPV Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16928DGUPV
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16928DGUPV Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16928DGUPV Datasheet HTML 7Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 8Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 9Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 10Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 11Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 12Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 13Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 14Page - Maxim Integrated Products MAX16928DGUPV Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
���������������������������������������������������������������� Maxim Integrated Products  11
MAX16928
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Positive-Gate Voltage Regulator (GH)
The positive-gate voltage regulator includes a p-channel
FET output stage to generate a regulated output between
5V and (VCP - 2V). The regulator maintains accuracy over
wide line and load conditions. It is capable of at least
20mA of output current and includes current-limit protec-
tion. VGH is typically used to provide the TFT-LCD gate
drivers’ gate-on voltage.
The regulator derives its positive supply voltage from a
noninverting charge pump, a single-stage example of
which is shown in the Typical Operating Circuit. A higher
voltage using a multistage charge pump is possible, as
described in the Charge Pumps section.
Negative-Gate Voltage Regulator (GL)
The negative-gate voltage regulator is an analog gain
block with an open-drain p-channel output. It drives an
external npn pass transistor with a 6.8kI base-to-emitter
resistor (see the Pass Transistor Selection section). Its
guaranteed base drive source current is at least 2mA.
VGL is typically used to provide the TFT-LCD gate driv-
ers’ gate-off voltage.
The output of the negative-gate voltage regulator (i.e.,
the collector of the external npn pass transistor) has load-
dependent bypassing requirements. Connect a ceramic
capacitor between the collector and ground with the
value shown in Table 3.
The regulator derives its negative supply voltage from an
inverting charge pump, a single-stage example of which
is shown in the Typical Operating Circuit. A more negative
voltage using a multistage charge pump is possible, as
described in the Charge Pumps section.
The external npn transistor is not short-circuit protected.
To maintain proper pulldown capability of the external npn
transistor and optimal regulation, a minimum load of at least
500FA is recommended on the output of the GL regulator.
Enable (ENP)
Use the enable input (ENP) to enable and disable the
boost section of the device. Connect ENP to INA for
normal operation and to GND to place the device in shut-
down. In shutdown, the INA supply current is reduced to
0.5FA.
Soft-Start and Supply Sequencing (SEQ)
When enabled, the boost output ramps up from VINA to
its set voltage. Once the boost output reaches 85% of the
set voltage and the soft-start timer expires, the gate volt-
age regulators turn on in the order shown in Table 1. The
1.8V/3.3V regulator controller is enabled at the beginning
of the boost converter’s soft-start.
Both gate voltage regulators have a 7.45ms soft-start
time. The second one turns on as soon as the output of
the first reaches 85% of its set voltage.
Thermal Shutdown
Internal thermal shutdown circuitry shuts down the
device immediately when the die temperature exceeds
+165NC. A 15NC thermal shutdown hysteresis prevents
the device from resuming normal operation until the die
temperature falls below +150NC.
Design Procedure
Boost Converter
Inductor Selection
Three key inductor parameters must be specified for
operation with the device: inductance value (L), inductor
saturation current (ISAT), and DC resistance (RDC). To
determine the inductance value, select the ratio of inductor
peak-to-peak ripple current to average output current (LIR)
first. For LIR values that are too high, the RMS currents are
high, and therefore, I2R losses are high. Use high-valued
inductors to achieve low LIR values. Typically, inductance
is proportional to resistance for a given package type,
Table1.SupplySequencing
CONTROLINPUTS
SUPPLYSEQUENCING
ENP
SEQ
FIRST
SECOND
THIRD
0
X
Device is in shutdown
1
0
VSH
VGH
VGL
1
1
VSH
VGL
VGH


Similar Part No. - MAX16928DGUPV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16928DGUP/V++ MAXIM-MAX16928DGUP/V+ Datasheet
1Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
2013
More results

Similar Description - MAX16928DGUPV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16928 MAXIM-MAX16928_12 Datasheet
2Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 1; 1/12
MAX16929 MAXIM-MAX16929 Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 5/11
MAX16929 MAXIM-MAX16929_12 Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
MAX16928 MAXIM-MAX16928_V01 Datasheet
1Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
2013
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
   Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
logo
Rohm
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
   TFT-LCD Bias Boost Converter
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
   Automotive Grade TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com