Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-40H-20 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-40H-20
Description  40W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-40H-20 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLG-40H-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-40H-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-40H-20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-40H-20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-40H-20 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-40H-20 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-40H-20 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
300 20
FG(Green/Yellow)
SJTW18AWG 3C
AC/L(Brown)
AC/N(Blue)
9.6
11.9
147.2
171
-V(Black)
+V(Red)
DIM-(White)
DIM+(Blue)
4.2 4PL
SVT 18AWG 2C
300 20
DeratingCurve
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
Fosc:100KHz
BlockDiagram
230VAC
Inputonly
AMBIENTTEMPERATURE( )
-40
-25
0
-10
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
73.6
T case:Max.Case Temperature.
DIM+
(B Type)
DIM-
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
O.T.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
UL 251718AWG 2C
40WSingleOutputSwitchingPowerSupply
H L G - 4 0 H series
BType:(HLG-40H-_B)
FileName:HLG-40H-SPEC 2011-05-30


Similar Part No. - HLG-40H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-40H-20 MEANWELL-HLG-40H-20 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H-20 MEANWELL-HLG-40H-20 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H-20 MEANWELL-HLG-40H-20 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
More results

Similar Description - HLG-40H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D_12 Datasheet
248Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com