Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-40H-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-40H-24
Description  40W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-40H-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLG-40H-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-40H-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-40H-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-40H-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-40H-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-40H-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-40H-24 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.6
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.8
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.7
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
Canbeadjusted byinternalpotentialmeterorthroughoutputcable
1500ms,80ms/115VAC
0ms,80ms/230VACatfullload
atfullload100
16ms/230VAC16ms/115VACatfullload
90~305VAC127~431VDC
47~63Hz
PF>0.98/115VAC,PF>0.95/230VAC,PF>0.92/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
0.43A /115VAC0.24A /230VAC0.23A /277VAC
COLDSTART 70A/230VAC
<0.75mA /277VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
-40~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~60
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
336.5Khrsmin.MIL-HDBK-217F(25
)
171*61.5*36.8mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 60% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Type A only.
7. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1, FCC part18.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
9. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
0.73Kg;20pcs/15.6Kg/0.8CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
40WSingleOutputSwitchingPowerSupply
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal potential meter
IP67 / IP65 design for indoor or outdoor installations
Three in one dimming function (1~10Vdc or PWM signal or resistance)
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
5 years warranty
Suitable for dry / damp / wet location or outdoor application
Features :
H L G - 4 0 H series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
85
10
(RTH2)
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
SELV
IP65 IP67
Blank : IP67 rated. Cable for I/O connection.
UL8750,EN61347-1,EN61347-2-13independent;
approved;DesignrefertoUL60950-1, TUVEN60950-1
IP65orIP67
F
M
M
110
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
CONSTANTCURRENTREGION Note.4
HLG-40H-12 A
A : IP65 rated. Output voltage and constant current level can be adjusted through internal potential meter.
B : IP67 rated. Constant current level adjustable through output cable with 1~10Vdc or 10V PWM signal or resistance
18~24V
15~21V
23~30V
28~35V
35~43V
41~49V
48~58V
59~66V
54~63V
87%
87%
88.5%
88.5%
89%
89%
90%
90%
90%
2.5%
2~3.33A
2.0%
1.6~2.67A
1.0%
1.2~2A
1.0%
1~1.67A
1.0%
0.8~1.34A
1.0%
0.67~1.12A
1.0%
0.5~0.84A
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
0.45~0.75A
0.5%
0.5%
1.0%
0.58~0.96A
0.5%
0.5%
12V
HLG-40H-12
HLG-40H-15
HLG-40H-20
HLG-40H-24
HLG-40H-30
HLG-40H-36
HLG-40H-42
HLG-40H-48
HLG-40H-54
7.2~12V
15V
9~15V
20V
12~20V
24V
14.4~24V
30V
18~30V
36V
21.6~36V
48V
28.8~48V
3.33A
2.67A
2A
1.67A
1.34A
1.12A
0.84A
39.96W
40.05W
40W
40.08W
40.2W
40.32W
40.32W
150mVp-p
150mVp-p
13.5~17V
150mVp-p
17~22V
200mVp-p
22~27V
200mVp-p
27~33V
200mVp-p
33~40V
300mVp-p
44~53V
10.8~13.5V
54V
32.4~54V
0.75A
40.5W
300mVp-p
49~58V
42V
25.2~42V
0.96A
40.32W
200mVp-p
40~46V
Complianceto EN55015,EN61000-3-2ClassC(
60%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,EN55024,heavyindustrylevel(surge4KV),criteria A
EMCIMMUNITY
EMCEMISSION
D : (option) : IP67 rated. Timer dimming function, contact MEAN WELL for details.
FileName:HLG-40H-SPEC2011-05-30


Similar Part No. - HLG-40H-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-40H-24 MEANWELL-HLG-40H-24 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H-24 MEANWELL-HLG-40H-24 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H-24 MEANWELL-HLG-40H-24 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
More results

Similar Description - HLG-40H-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D_12 Datasheet
248Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com