Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-60H-20 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-60H-20
Description  60W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-60H-20 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  HLG-60H-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-60H-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-60H-20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-60H-20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-60H-20 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-60H-20 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-60H-20 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
277VAC
230VAC
110VAC
0 .8 4
0 .8 5
0 .8 6
0 .8 7
0 .8 8
0 .8 9
0 .9
0 .9 1
0 .9 2
0 .9 3
0 .9 4
0 .9 5
0 .9 6
0 .9 7
0 .9 8
0 .9 9
1
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 7 7 V A C
2 3 0 V A C
1 1 0 V A C
HLG-60Hseriespossesssuperiorworkingefficiencythatupto91%canbereachedinfieldapplications.
LOAD
EFFICIENCY vsLOAD(48VModel)
LOAD
ConstantCurrentMode
TherearetwomajorkindsofLEDdrivemethod"directdrive"and"withLEDdriver".
TypicalLEDpowersupplyI-Vcurve
A typicalLEDpowersupplymayeitherworkin"constantvoltagemode(CV)orconstantcurrentmode(CC)"todrivetheLEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode (with LED driver, at area (A) and CC mode (direct drive, at area (B).
DRIVINGMETHODSOFLEDMODULE
100
60
50
95
(max.)
Io (%)
Constant
Voltage area
Constant
Current area
Hiccup
Protection
(A)
(B)
(C)
(60W)
60WSingleOutputSwitchingPowerSupply
H L G - 6 0 H series
FileName:HLG-60H-SPEC 2011-05-30
PowerFactorCharacteristic


Similar Part No. - HLG-60H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-60H-20 MEANWELL-HLG-60H-20 Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-20 MEANWELL-HLG-60H-20 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-20A MEANWELL-HLG-60H-20A Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-20B MEANWELL-HLG-60H-20B Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
More results

Similar Description - HLG-60H-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com