Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14979EETX Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14979EETX
Description  High-Bandwidth, ±15kV ESD Protection LVDS Switch -3dB Bandwidth: 650MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14979EETX Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14979EETX Datasheet HTML 1Page - Maxim Integrated Products MAX14979EETX Datasheet HTML 2Page - Maxim Integrated Products MAX14979EETX Datasheet HTML 3Page - Maxim Integrated Products MAX14979EETX Datasheet HTML 4Page - Maxim Integrated Products MAX14979EETX Datasheet HTML 5Page - Maxim Integrated Products MAX14979EETX Datasheet HTML 6Page - Maxim Integrated Products MAX14979EETX Datasheet HTML 7Page - Maxim Integrated Products MAX14979EETX Datasheet HTML 8Page - Maxim Integrated Products MAX14979EETX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
High-Bandwidth, ±15kV ESD Protection
LVDS Switch
19-5252; Rev 1; 6/11
Typical Operating Circuit appears at end of data sheet.
General Description
The MAX14979E is optimized for high-speed differential
switching applications. The device is ideal for low-volt-
age differential signal (LVDS) and low-voltage positive
emitter-coupled logic (LVPECL) switching applications.
The MAX14979E provides enhanced electrostatic dis-
charge (ESD) protection up to Q15kV and excellent high-
frequency response, making this device especially use-
ful for interfaces that must go to an outside connection.
The MAX14979E provides extremely low capacitance
(CON) as well as low resistance (RON) for low-insertion
loss and bandwidth up to 650MHz (1.3Gbps). In addi-
tion to the four pairs of double-pole/double-throw (DPDT)
switches, the MAX14979E provides low-frequency (up
to 50MHz) and AUX switching that can be used for LED
lighting or other applications.
The MAX14979E is available in a space-saving 36-pin
TQFN package and operates over the standard -40NC to
+85NC temperature range.
Applications
Notebook Computers
Switch LVDS to Graphics Panels
LVDS and LVPECL Switching
Ordering Information
Features
S
±15kV ESD Protected per MIL-STD-883, Method
3015
S
Single +3.0V to +3.6V Power-Supply Voltage
S
Low On-Resistance (RON): 4I (typ), 6.5I (max)
S
Low On-Capacitance (CON): 8pF (typ)
S
-23dB Return Loss (100MHz)
S
-3dB Bandwidth: 650MHz
S
Built-In AUX Switches for Switching Indicators
S
Low 450µA (max) Quiescent Current
S
Bidirectional 8 to 16 Multiplexer/Demultiplexer
S
Space-Saving, Lead-Free, 36-Pin, 6mm x 6mm
TQFN Package
Eye Diagram
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
500ps/div
100mV/div
f = 300MHz
PART
TEMP RANGE
PIN-PACKAGE
MAX14979EETX+
-40NC to +85NC
36 TQFN-EP*


Similar Part No. - MAX14979EETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14979EETX++ MAXIM-MAX14979EETX+ Datasheet
1Mb / 10P
   High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
More results

Similar Description - MAX14979EETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
   High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
MAX4885AE MAXIM-MAX4885AE Datasheet
1Mb / 10P
   High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
Rev 0; 10/09
logo
Will Semiconductor Ltd.
WAS4735Q WILLSEMI-WAS4735Q Datasheet
446Kb / 7P
   4:1 High speed (-3dB bandwidth 1.2GHz) Switch
logo
STMicroelectronics
HDMIULC6-2X6 STMICROELECTRONICS-HDMIULC6-2X6 Datasheet
751Kb / 17P
   Ultra large bandwidth ESD protection
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
   Automotive ultralarge bandwidth ESD protection
September 2012 Rev 2
USBULC6-2M6 STMICROELECTRONICS-USBULC6-2M6 Datasheet
344Kb / 10P
   Ultra large bandwidth ESD protection
HDMIULC6-4SC6 STMICROELECTRONICS-HDMIULC6-4SC6 Datasheet
300Kb / 11P
   Ultra large bandwidth ESD protection
USBULC6-2P6 STMICROELECTRONICS-USBULC6-2P6 Datasheet
217Kb / 8P
   Ultra large bandwidth ESD protection
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
   8-line ultralarge bandwidth ESD protection
October 2010 Rev 2
logo
SIPAT Co,Ltd
SP65001 SIPAT-SP65001 Datasheet
157Kb / 4P
   650MHz Low-loss SAW Filter 43MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com