Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLN-60H Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # HLN-60H
Description  60W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLN-60H Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  HLN-60H Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLN-60H Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLN-60H Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLN-60H Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLN-60H Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TherearetwomajorkindsofLEDdrivemethod"directdrive"and"withLEDdriver".
TypicalLEDpowersupplyI-Vcurve
A typicalLEDpowersupplymayeitherworkin"constantvoltagemode(CV)orconstantcurrentmode(CC)"todrivetheLEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode (with LED driver, at area (A) and CC mode (direct drive, at area (B).
DRIVINGMETHODSOFLEDMODULE
100
60
50
95
(max.)
Io (%)
Constant
Voltage area
Constant
Current area
Hiccup
Protection
(A)
(B)
(C)
DIMMINGOPERATION(forB-typeonly)
+V(Red)
DIM+(Blue)
-V(Black)
DIM-(White)
FG(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
HLN-60H
B Type
PleaseDONOT connect "DIM-"to"-V".
60K
60%
10K
10K
/N 20K
/N 30K
/N 40K
/N 50K
/N 60K
/N 70K
/N 80K
/N 90K
/N 100K /N
Singledriver
Multipledrivers
(N=driverquantityforsynchronized
dimmingoperation)
10%
20K
20%
30K
30%
40K
40%
50K
50%
70K
70%
80K
80%
90K
100K
OPEN
90%
100%
Resistance
value
Percentageofratedcurrent
95%~105%
-----
60%
1V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
20%
30%
40%
50%
70%
80%
OPEN
OPEN
90%
100%
Dimmingvalue
Percentageofratedcurrent
IP64rated.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectingaresistanceor
Built-in3in1dimmingfunction,
VoandIocannotbeadjusted(Btype)
1~10Vdcor10VPWMsignalbetweenDIM+andDIM-.
Referenceresistancevalueforoutputcurrentadjustment(Typical)
1~10Vdimmingfunctionforoutputcurrentadjustment (Typical)
60%
60%
10%
10%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Dutyvalue
Percentageofratedcurrent
10VPWMsignalforoutputcurrentadjustment (Typical):Frequencyrange:100Hz~3KHz
95%~105%
95%~105%
60WSingleOutputSwitchingPowerSupply
H L N - 6 0 H series
FileName:HLN-60H-SPEC 2011-06-03


Similar Part No. - HLN-60H

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLN-60H MEANWELL-HLN-60H Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
HLN-60H-15 MEANWELL-HLN-60H-15 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
HLN-60H-15 MEANWELL-HLN-60H-15 Datasheet
383Kb / 5P
   60W Single Output Switching Power Supply
HLN-60H-20 MEANWELL-HLN-60H-20 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
HLN-60H-20 MEANWELL-HLN-60H-20 Datasheet
383Kb / 5P
   60W Single Output Switching Power Supply
More results

Similar Description - HLN-60H

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com