Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14585 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14585
Description  Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14585 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14585 Datasheet HTML 4Page - Maxim Integrated Products MAX14585 Datasheet HTML 5Page - Maxim Integrated Products MAX14585 Datasheet HTML 6Page - Maxim Integrated Products MAX14585 Datasheet HTML 7Page - Maxim Integrated Products MAX14585 Datasheet HTML 8Page - Maxim Integrated Products MAX14585 Datasheet HTML 9Page - Maxim Integrated Products MAX14585 Datasheet HTML 10Page - Maxim Integrated Products MAX14585 Datasheet HTML 11Page - Maxim Integrated Products MAX14585 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX14585/MAX14585A
Hi-Speed USB and Audio Switches with Negative Signal
Capability and High-Voltage-Tolerable VBUS Detection
Figure 6. IEC 61000-4-2 ESD Test Model
Figure 7. IEC 61000-4-2 ESD Generator Current Waveform
IEC 61000-4-2
The IEC 61000-4-2 standard covers ESD testing and
performance of finished equipment. It does not spe-
cifically refer to integrated circuits. The major difference
between tests done using the HBM and IEC 61000-4-2
is higher peak current in IEC 61000-4-2, because series
resistance is lower in the IEC 61000-4-2 model. Hence,
the ESD withstand voltage measured to IEC 61000-4-2
is generally lower than that measured using the HBM.
Figure 6 shows the IEC 61000-4-2 model and Figure 7
shows the current waveform for the Q8kV, IEC 61000-4-2,
Level 4, ESD Contact-Discharge Method.
Layout
Hi-Speed USB requires careful PCB layout with 45I
single-ended/90I differential controlled-impedance
matched traces of equal lengths. Ensure that bypass
capacitors are as close to the device as possible. Use
large ground planes where possible.
Note: All devices are specified over the -40°C to +85°C tem-
perature range.
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Ordering Information/
Selector Guide
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PART
TOP
MARK
SHUNT
RESISTOR
PIN-
PACKAGE
MAX14585EVB+T
AAY
Yes
10 UTQFN
MAX14585AEVB+T
AAZ
No
10 UTQFN
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
10 UTQFN
V101A1CN+1
21-0028
90-0287
CHARGE CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50M
Ω TO 100MΩ
RD
330
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I


Similar Part No. - MAX14585

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
   1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14588ETE+T MAXIM-MAX14588ETE+T Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
   4.5V to 36V Operating Voltage Range
Rev 0; 5/13
More results

Similar Description - MAX14585

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
MAX14531E MAXIM-MAX14531E Datasheet
71Kb / 5P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability and 짹15kV ESD
Rev 0; 4/09
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com