Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14585EVBT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14585EVBT
Description  Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14585EVBT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14585EVBT Datasheet HTML 3Page - Maxim Integrated Products MAX14585EVBT Datasheet HTML 4Page - Maxim Integrated Products MAX14585EVBT Datasheet HTML 5Page - Maxim Integrated Products MAX14585EVBT Datasheet HTML 6Page - Maxim Integrated Products MAX14585EVBT Datasheet HTML 7Page - Maxim Integrated Products MAX14585EVBT Datasheet HTML 8Page - Maxim Integrated Products MAX14585EVBT Datasheet HTML 9Page - Maxim Integrated Products MAX14585EVBT Datasheet HTML 10Page - Maxim Integrated Products MAX14585EVBT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX14585/MAX14585A
Hi-Speed USB and Audio Switches with Negative Signal
Capability and High-Voltage-Tolerable VBUS Detection
Typical Operating Characteristics (continued)
(VCC = 3.0V, TA = +25NC, unless otherwise noted.)
UNC_ EYE DIAGRAM
MAX14585/85A toc14
TIME ((x10-9)s)
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
2.0
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10,000
1000
100
0.01
0.1
1
10
0.001
10
100,000
RL = 600Ω
FREQUENCY RESPONSE
FREQUENCY (MHz)
100
10
1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0.1
1000
OFF-ISOLATION
CROSSTALK
ON-LOSS
TURN-ON TIME vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
10
20
30
40
50
60
70
80
90
100
0
2.5
5.5
ANO_ TO COM_
TOGGLE VB
UNC_ TO COM_
TURN-OFF TIME vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
5
10
15
20
25
30
35
40
0
2.5
5.5
ANO_ FROM COM_
TOGGLE VB
UNC_ FROM COM_


Similar Part No. - MAX14585EVBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
   1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14588ETE+T MAXIM-MAX14588ETE+T Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
   4.5V to 36V Operating Voltage Range
Rev 0; 5/13
More results

Similar Description - MAX14585EVBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
MAX14531E MAXIM-MAX14531E Datasheet
71Kb / 5P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability and 짹15kV ESD
Rev 0; 4/09
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com