Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14585AEVBT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14585AEVBT
Description  Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14585AEVBT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14585AEVBT Datasheet HTML 4Page - Maxim Integrated Products MAX14585AEVBT Datasheet HTML 5Page - Maxim Integrated Products MAX14585AEVBT Datasheet HTML 6Page - Maxim Integrated Products MAX14585AEVBT Datasheet HTML 7Page - Maxim Integrated Products MAX14585AEVBT Datasheet HTML 8Page - Maxim Integrated Products MAX14585AEVBT Datasheet HTML 9Page - Maxim Integrated Products MAX14585AEVBT Datasheet HTML 10Page - Maxim Integrated Products MAX14585AEVBT Datasheet HTML 11Page - Maxim Integrated Products MAX14585AEVBT Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
���������������������������������������������������������������� Maxim Integrated Products 10
MAX14585/MAX14585A
Hi-Speed USB and Audio Switches with Negative Signal
Capability and High-Voltage-Tolerable VBUS Detection
Figure 4. Human Body ESD Test Model
When VCC is below 2.7V and VB is less than 4.5V, the
switches accept signals from 0 to 3.6V but do not switch
according to the Functional Diagrams/Truth Table.
VBUS Detection Input
The devices feature a VBUS detection input (VB) that con-
nects COM_ to UNC_ when VB exceeds the VBUS detection
threshold (VVBDET). For applications where VBUS is always
present, drive the audio override input (AOR) high to con-
nect ANO_ to COM_ (see the Functional Diagrams/Truth
Table). Drive AOR low to have VB control the switch posi-
tion. Drive AOR rail-to-rail to minimize power consumption.
The VB input is capable of handling voltage up to 28V
for higher VBUS application. In the case where the main
power VCC is lost due to an event such as a dead battery,
VB becomes the power supply if VB is greater than 4.5V.
Click-and-Pop Suppression (MAX14585)
The switched 700I (typ) shunt resistors on the MAX14585
automatically discharge any capacitance at the ANO_
terminals when they are unconnected from COM_. This
reduces audio click-and-pop sounds that can occur
when switching between USB and audio sources.
Applications Information
Extended ESD Protection
ESD protection structures are incorporated on all pins
to protect against electrostatic discharges up to Q2kV
(HBM) encountered during handling and assembly.
COM1 and COM2 are further protected against ESD up
to Q15kV (HBM) without damage. The ESD structures
withstand high ESD in both normal operation and
when the devices are powered down. After an ESD
event, the devices continue to function without latchup.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents test
setup, test methodology, and test results.
Human Body Model
Figure 4 shows the HBM. Figure 5 shows the current
waveform it generates when discharged into a low-
impedance state. This model consists of a 100pF capaci-
tor charged to the ESD voltage of interest that is then
discharged into the device through a 1.5kI resistor.
Figure 5. Human Body Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1500
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES


Similar Part No. - MAX14585AEVBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
   1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14588ETE+T MAXIM-MAX14588ETE+T Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
   4.5V to 36V Operating Voltage Range
Rev 0; 5/13
More results

Similar Description - MAX14585AEVBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
MAX14531E MAXIM-MAX14531E Datasheet
71Kb / 5P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability and 짹15kV ESD
Rev 0; 4/09
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com